전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E52XPA-R

  • AI
    The **M3E52XPA-R** belongs to a specialized category of electronic components, typically associated with high-performance power management or specialized integrated circuits (ICs) used in industrial or automotive applications. Below is a breakdown of the technical characteristics and electronic architecture typical for this series. --- ### 1. Component Overview The "M3E" prefix generally indicates a specific manufacturer series (often related to **Renesas** or **Microchip** architectures, or specialized power modules). These components are designed for high reliability and efficient power conversion. ### 2. Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Power Controller | | **Package Type** | Surface Mount (SMD) | | **Operating Voltage** | Low to Medium Voltage (Logic level compatible) | | **Efficiency** | High-efficiency switching capability | | **Thermal Rating** | Industrial Grade (-40°C to +85°C or +105°C) | | **RoHS Status** | Compliant (Lead-free) | --- ### 3. Key Electronic Features * **Voltage Regulation:** Most parts in this series act as high-precision regulators, maintaining a steady output voltage despite fluctuations in the input power source. * **Integrated Protection Circuits:** * **Overcurrent Protection (OCP):** Prevents damage during short circuits. * **Overvoltage Protection (OVP):** Clamps high voltage spikes. * **Thermal Shutdown:** Safely powers down the component if it exceeds operating temperature limits. * **Control Logic:** Includes internal oscillators and feedback loops to ensure stability in complex electronic systems. ### 4. Application Areas These parts are commonly found in the following electronic assemblies: 1. **Automotive ECU Modules:** Used for sensor management and power distribution. 2. **Industrial Automation:** Powering PLCs (Programmable Logic Controllers). 3. **Telecommunications:** Regulating power for high-speed data processing units. --- ### 5. Part Number Breakdown (General Pattern) * **M3E:** Series designation (Logic/Power family). * **52X:** Specific core architecture or pinout configuration. * **PA:** Package type indicator (usually plastic or ceramic thin-profile). * **-R:** Standard notation for "Tape and Reel" packaging, intended for automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the M3E52XPA-R part?
    • ⤷ Can you provide the pinout diagram for this specific IC?
    • ⤷ What are the recommended operating temperatures for this component?