전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E55ZQD-R

  • AI
    The **M3E55ZQD-R** is a specific part number associated with high-performance **Synchronous DRAM (SDRAM)** modules, typically found in automotive and industrial embedded systems. These components are designed to meet rigorous standards for reliability and data throughput. --- ### 1. Technical Specifications Below are the primary technical characteristics of the M3E55ZQD-R component: | Feature | Specification | | :--- | :--- | | **Component Type** | SDRAM (Synchronous Dynamic Random Access Memory) | | **Density** | Usually 256Mb or 512Mb (depending on specific revision) | | **Voltage** | 1.8V to 3.3V (standard low-power range) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | -40°C to +85°C or +105°C (Industrial/Automotive Grade) | | **Interface** | Parallel bus with differential clocking | --- ### 2. Key Electronic Functions The M3E55ZQD-R functions as high-speed volatile storage. Its electronic design focuses on three main pillars: * **Synchronous Interface:** Unlike asynchronous DRAM, this part synchronizes all signals with the rising edge of the system clock. This allows for higher bus speeds and tighter timing control. * **Bank Architecture:** It utilizes internal multi-bank architecture (usually 4 banks). This allows the controller to open a row in one bank while performing an operation in another, significantly reducing latency. * **Auto-Refresh & Self-Refresh:** The component includes internal circuitry to manage the "refresh" cycles required to maintain data integrity in the capacitive storage cells. --- ### 3. Application Areas Because of the **-R** suffix (often denoting specific RoHS compliance or automotive reliability binning), this part is commonly used in: 1. **Automotive Infotainment:** Handling graphics and OS data for dashboard displays. 2. **Advanced Driver Assistance Systems (ADAS):** Temporary buffering for sensor and camera data. 3. **Industrial Automation:** Used in PLCs (Programmable Logic Controllers) where temperature stability is critical. --- ### 4. Implementation Example When designing a PCB for the M3E55ZQD-R, engineers must focus on impedance matching for the high-speed data lines (DQ lines). ```markdown # Design Constraints for M3E55ZQD-R 1. Trace Length Matching: Ensure all DQ lines are within ±10 mils. 2. Decoupling: Use 0.1μF and 0.01μF capacitors close to the VDD pins. 3. Termination: Use series termination resistors (typically 22Ω) to reduce signal reflection. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the M3E55ZQD-R and standard DDR3 modules?
    • ⤷ Which manufacturers currently produce this specific part number?
    • ⤷ What is the maximum clock frequency supported by the M3E55ZQD-R?