M3E62ZPD-R
AI

The **M3E62ZPD-R** is a specific electronic component, typically identified as an **Electrolytic Capacitor** from the **M3** series (often associated with manufacturers like Rubycon or specialized industrial suppliers). These components are designed for high-reliability surface-mount applications.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Capacitance** | Varies by sub-code (typically in $\mu F$) |
| **Voltage Rating** | High-reliability rated (often 6.3V to 50V range) |
| **Operating Temp** | -40°C to +105°C (Standard for M3 series) |
| **Endurance** | 2000 to 5000 hours at max temperature |
---
### 2. Breakdown of the Part Number
While specific manufacturer prefixes can vary, the alphanumeric string generally breaks down as follows:
* **M3**: Series identifier (usually denotes low impedance or high temperature reliability).
* **E62**: Case size and physical dimensions (e.g., $6.3 \times 7.7$ mm).
* **ZPD**: Packaging or tolerance code (Z often implies a specific taping style).
* **-R**: RoHS Compliance (denotes that the part is lead-free and environmentally regulated).
---
### 3. Application Areas
These parts are engineered for performance in compact electronic circuits where space is limited but power stability is crucial.
1. **Power Supply Decoupling:** Smoothing out voltage fluctuations in DC-DC converters.
2. **Automotive Electronics:** Used in infotainment and control modules due to vibration resistance.
3. **Consumer Electronics:** Found in laptops and high-end peripherals requiring a low profile.
4. **Telecommunications:** Integrated into base station hardware for noise filtering.
---
### 4. Handling and Soldering
As an SMD electrolytic component, the M3E62ZPD-R requires specific handling:
* **Reflow Soldering:** Must follow a specific temperature profile to avoid "venting" the electrolyte.
* **Polarity:** Being an electrolytic capacitor, it is **polarized**. Reversing the polarity during installation will lead to component failure or explosion.
* **Moisture Sensitivity:** Typically rated at MSL 1 or 2, meaning they should be stored in dry conditions to prevent soldering defects.
- ⤷
What is the exact capacitance and voltage rating for the M3E62ZPD-R variant?
- ⤷ Can you provide a cross-reference or equivalent part from another manufacturer like Panasonic or Nichicon?
- ⤷ What are the specific reflow soldering temperature limits for this component?