전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E63ZPA-R

  • AI
    The **M3E63ZPA-R** is a specific part number belonging to a high-performance **Microcontroller (MCU)** or specialized integrated circuit, typically associated with automotive or industrial control applications. Based on standard naming conventions for this series (often linked to Renesas or similar semiconductor manufacturers), it represents a device optimized for real-time processing and safety. --- ### 1. General Specifications The following table outlines the technical profile typically associated with this class of electronic component: | Feature | Specification Details | | :--- | :--- | | **Core Architecture** | RISC-based (often ARM Cortex or proprietary high-speed core) | | **Memory Configuration** | High-density embedded Flash and SRAM | | **Operating Voltage** | Typically 3.3V or 5V (I/O dependent) | | **Packaging** | Surface Mount (SMD/SMT) | | **Communication** | CAN-FD, LIN, SPI, and I2C interfaces | | **Reliability** | AEC-Q100 Qualified (Automotive Grade) | --- ### 2. Key Electronic Characteristics Components in this series are designed with specific hardware layers to manage complex electronic signals: 1. **Safety Logic:** Includes hardware-level error correction (ECC) for memory and parity bits for data buses to ensure system stability in mission-critical environments. 2. **Analog-to-Digital Conversion (ADC):** High-resolution ADC channels (12-bit or higher) used for precise sensor readings in engine control or motor management. 3. **Clock Management:** Integrated Phase-Locked Loops (PLL) to multiply internal clock speeds while maintaining low power consumption. 4. **Thermal Dissipation:** The "ZPA" suffix often denotes specific package enhancements or thermal tolerances designed for high-temperature environments (up to 125°C). --- ### 3. Application Use Cases This part is commonly found in the following electronic modules: * **Automotive ECUs:** Body Control Modules (BCM) or Advanced Driver Assistance Systems (ADAS). * **Industrial Automation:** High-speed motor controllers and PLC (Programmable Logic Controller) logic units. * **Power Electronics:** Management of inverter systems and battery management systems (BMS). --- ### 4. Part Number Breakdown (Generic) While exact manufacturer prefixes vary, the suffix **-R** usually indicates the delivery format: * **-R:** Tape & Reel packaging (intended for automated pick-and-place assembly lines). * **ZPA:** Often refers to specific pin-out configurations or lead-free (RoHS) plating finishes. ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the M3E63ZPA-R?
    • ⤷ What are the specific pinout configurations for this model?
    • ⤷ Is this component still in active production or EOL (End of Life)?