M3E64XPA-R
AI

Based on the technical specifications, the **M3E64XPA-R** is an industrial-grade memory module produced by **Innodisk**. It belongs to the DDR3 product family and is specifically designed for embedded systems and high-reliability environments.
---
### 1. General Technical Specifications
Below is a breakdown of the core hardware characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SODIMM (Small Outline Dual In-line Memory Module) |
| **Technology** | DDR3 |
| **Capacity** | 4GB |
| **Frequency** | 1600 MHz (PC3-12800) |
| **Voltage** | 1.5V / 1.35V (Dual Voltage support) |
| **ECC Support** | Non-ECC |
| **Gold Finger** | 30u" (High reliability coating) |
| **Temperature Range** | Industrial Grade (-40°C to +85°C) |
---
### 2. Key Electronic Components
The reliability of the M3E64XPA-R stems from several specific design choices:
#### A. DRAM ICs
The module typically utilizes high-density SDRAM chips. These are organized in a **1Rx8** (Single Rank) configuration. Being an industrial part, these chips are rigorously screened for thermal stability and timing consistency across extreme temperature fluctuations.
#### B. Serial Presence Detect (SPD) EEPROM
This small chip on the module stores the configuration data (timing, latency, voltage). It allows the system BIOS/UEFI to automatically detect the RAM settings and configure the memory controller for optimal performance and stability.
#### C. Decoupling Capacitors
To maintain signal integrity, especially in noisy industrial environments, the module is populated with surface-mount (SMD) decoupling capacitors. These stabilize the DC voltage provided to the DRAM chips and filter out high-frequency noise.
---
### 3. Industrial Specializations
Unlike consumer RAM, the **M3E64XPA-R** includes specific electronic protections:
* **Anti-Sulfuration:** The resistors and components are treated to prevent silver sulfuration, which is a common cause of failure in harsh, polluted, or high-humidity environments.
* **30μ” Gold Fingers:** Standard RAM uses 3μ” or 10μ” gold plating. The 30μ” plating on this module ensures a more robust physical connection and prevents oxidation even after multiple insertions or vibration-heavy use.
* **Wide Temperature Resilience:** The internal circuitry is designed to operate without data corruption at -40°C and maintain stability at +85°C without thermal throttling.
---
### 4. Typical Applications
* **Industrial Automation:** Fanless PCs and PLC controllers.
* **Transportation:** In-vehicle computing systems.
* **Military/Aerospace:** Communication equipment requiring high durability.
* **Outdoor Signage:** Systems exposed to varying weather conditions.
- ⤷What is the difference between 1Rx8 and 2Rx8 in this memory module?
- ⤷ Does the M3E64XPA-R support low-voltage (DDR3L) systems?
- ⤷ How does the anti-sulfuration treatment work on the resistors?