전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E65ZPA-R

  • AI
    The **M3E65ZPA-R** is a specific part number typically associated with **Mecedes-Benz** vehicle electronic systems, specifically the **Parktronic (Parking Assistance) Control Module**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications This component functions as the "brain" for the ultrasonic parking sensors located in the front and rear bumpers. | Feature | Specification | | :--- | :--- | | **Component Type** | Electronic Control Unit (ECU) | | **System Application** | PTS (Parktronic System) / Parking Sensors | | **Communication Protocol** | CAN-Bus (Controller Area Network) | | **Operating Voltage** | 12V DC (Standard Automotive) | | **Connector Type** | Multi-pin proprietary automotive header | | **Manufacturer** | Bosch / Continental (OEM for Mercedes) | --- ### 2. Core Electronic Functions The M3E65ZPA-R performs several high-speed electronic tasks: * **Signal Processing:** It receives raw analog pulses from the ultrasonic sensors and converts them into digital distance data. * **Object Detection Logic:** The internal microprocessor calculates the distance to obstacles based on the "Time of Flight" (ToF) of sound waves. * **Audio-Visual Output:** It sends signals to the dashboard display (LED bars) and triggers the audible warning piezo-beepers. * **Diagnostic Reporting:** It monitors the health of each individual sensor. If a sensor fails, the unit logs a DTC (Diagnostic Trouble Code) and communicates it via the CAN-Bus to a scanner. --- ### 3. Internal Component Architecture Inside the housing, the PCB (Printed Circuit Board) typically contains: 1. **Microcontroller:** The central processor that runs the parking logic firmware. 2. **Voltage Regulators:** Steps down the 12V car battery power to stable 5V or 3.3V for the internal logic circuits. 3. **Transceiver ICs:** Specifically CAN transceivers that allow the unit to "talk" to the car's Main Gateway and Instrument Cluster. 4. **Input Filtering:** Capacitors and Inductors designed to prevent electromagnetic interference (EMI) from the engine and alternator. --- ### 4. Common Failure Points Like many automotive electronic modules, this part can fail due to: * **Water Ingress:** Corrosion on the pins or PCB if the housing seal fails. * **Voltage Spikes:** Damage to the input diodes during jump-starts or alternator failure. * **Communication Errors:** Failure of the CAN transceiver chip, leading to "No Communication" errors on diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ How do I test if the M3E65ZPA-R module is faulty using a multimeter?
    • ⤷ What are the common Mercedes-Benz fault codes associated with this module?
    • ⤷ Can this module be reprogrammed or must it be replaced with an identical part number?