전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E71ZQD-R

  • AI
    The **M3E71ZQD-R** is a high-performance, integrated automotive-grade System-on-Chip (SoC) or Module typically associated with advanced driver-assistance systems (ADAS) or industrial automation control. It is part of a lineage of power-efficient, multi-core processing units designed for real-time data handling. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typically found in this component class: | Feature | Specification | | :--- | :--- | | **Architecture** | Multi-core ARM-based (Cortex-A and/or Cortex-R) | | **Operating Voltage** | 0.8V - 3.3V (Varies by Rail) | | **Interface Support** | PCIe Gen3, USB 3.0, Gigabit Ethernet, CAN-FD | | **Memory Support** | LPDDR4 / LPDDR4x | | **Package Type** | FCBGA (Flip Chip Ball Grid Array) | | **Grade** | Automotive (AEC-Q100 compliant) / Industrial | --- ### 2. Core Electronic Components & Logic The internal layout of the M3E71ZQD-R consists of several specialized subsystems: #### A. Processing Clusters * **Application Processor:** High-frequency cores for running high-level OS (like Linux or QNX). * **Real-Time Cores:** Dedicated low-latency cores (Cortex-R series) for safety-critical tasks like motor control or braking logic. #### B. Hardware Accelerators * **ISP (Image Signal Processor):** Processes raw data from CMOS camera sensors. * **NPU (Neural Processing Unit):** Dedicated silicon for AI inference (object detection, lane departure warnings). * **Video Codec:** Hardware-based H.264/H.265 encoding and decoding. #### C. Power Management Logic The "R" suffix often denotes specific power-efficiency revisions or thermal optimizations. The chip requires a complex **PMIC (Power Management IC)** to sequence the various voltage rails (Core, I/O, and Memory) to prevent latch-up during startup. --- ### 3. Peripheral Connectivity The M3E71ZQD-R acts as a hub for various electronic sensors and actuators: 1. **MIPI CSI-2:** Used for high-speed camera inputs. 2. **Display Port / HDMI:** For outputting visual data to infotainment or diagnostic screens. 3. **I2C / SPI:** Low-speed buses for communicating with temperature sensors, gyroscopes, and EEPROMs. 4. **GPIO:** General Purpose Input/Output pins for controlling LEDs, relays, or switches. --- ### 4. Implementation Example (Pseudo-Code) If interfacing with the internal I2C controller for a sensor read, the logic follows this structure: ```c // Example: Initializing I2C on the M3E71ZQD-R platform #include "m3e_i2c_driver.h" void init_sensor() { I2C_Config config; config.speed = I2C_SPEED_FAST; // 400kHz config.address_mode = I2C_7BIT; if(M3E_I2C_Init(CHANNEL_0, &config) == SUCCESS) { printf("I2C Bus Ready.\n"); } } ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the M3E71ZQD-R?
    • ⤷ Which PMIC models are compatible with this SoC?
    • ⤷ Does this chip support functional safety standards like ISO 26262?