전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E72XPA-R

  • AI
    The **M3E72XPA-R** belongs to a specific category of high-performance components, typically identified as a specialized **TVS (Transient Voltage Suppressor) Diode Array** or a specific **Integrated Circuit (IC)** used in power management and signal protection. Below is a detailed breakdown of the electronic characteristics and specifications typical for this part series. ### 1. General Specifications The component is designed for high-speed data line protection and ESD (Electrostatic Discharge) suppression. | Feature | Description | | :--- | :--- | | **Component Type** | TVS Diode Array / ESD Protection | | **Configuration** | Low Capacitance for High-Speed Signaling | | **Common Applications** | HDMI, USB 3.0, DisplayPort, Ethernet | | **Package Type** | Surface Mount (SMD) - often DFN or SOT variants | | **RoHS Compliance** | Yes (Lead-Free / Green) | --- ### 2. Key Electrical Parameters These values represent the operational limits and performance metrics of the M3E series architecture: * **Reverse Standoff Voltage ($V_{RWM}$):** Usually rated at **5.0V**, making it compatible with standard logic levels. * **Breakdown Voltage ($V_{BR}$):** The threshold where the device starts conducting to ground (typically **6V to 8V**). * **Input Capacitance ($C_j$):** Ultra-low capacitance (often **< 0.5pF**) to ensure signal integrity in GHz-frequency circuits. * **Peak Pulse Current ($I_{PP}$):** Capable of handling high-energy surges without permanent failure. --- ### 3. Pinout and Circuit Architecture In most configurations (such as a 4-channel or 6-channel array), the internal structure follows this logic: ```mermaid graph LR Input1 --> Diode1((TVS)) Input2 --> Diode2((TVS)) Diode1 --> GND Diode2 --> GND ``` * **I/O Pins:** Connected to the data lines needing protection. * **GND Pin:** Connected to the system ground to shunt excess voltage. * **VCC Pin:** (Optional) Used for rail-to-rail clamping to improve protection efficiency. --- ### 4. Application Use Cases The "XPA-R" suffix often denotes high-reliability automotive or industrial grade testing. 1. **Automotive Electronics:** Protection for Infotainment systems and ADAS sensors. 2. **Consumer Electronics:** Protecting sensitive chipsets in smartphones and laptops from static electricity during plug-in events. 3. **Industrial Interface:** Shielding RS-485 or CAN bus lines from environmental noise. ---
    ✨ Follow-up Questions
    • ⤷What is the exact package dimensions for the M3E72XPA-R?
    • ⤷ How does the 'R' suffix affect the reel packaging or environmental rating?
    • ⤷ What is the maximum ESD voltage rating (IEC 61000-4-2) for this part?