전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E72XQD-R

  • AI
    The **M3E72XQD-R** is a high-performance memory module manufactured by **SK Hynix**. It is a specialized LRDIMM (Load Reduced Dual In-line Memory Module) designed for enterprise-grade servers and data centers that require high density and high bandwidth. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | SK Hynix | | **Capacity** | 128GB | | **Generation** | DDR5 | | **Standard** | PC5-4800B | | **Data Rate** | 4800 MT/s | | **Module Type** | LRDIMM (Load Reduced DIMM) | | **Configuration** | 8Rx4 (Octal Rank) | | **Voltage** | 1.1V | | **ECC Support** | Yes (Error Correction Code) | --- ### 2. Breakdown of Electronic Components The module is composed of several critical electronic sub-systems that allow it to function at high speeds with massive capacity: #### A. DDR5 SDRAM Chips These are the primary storage components. Using **3DS (3-Dimensional Stacking)** technology, multiple DRAM dies are stacked vertically using **TSV (Through-Silicon Via)** interconnects. This allows the module to reach 128GB while maintaining a standard physical footprint. #### B. RCD (Register Clock Driver) As a "Registered" module, it includes an RCD chip. This acts as a buffer for command and address signals from the memory controller, reducing the electrical load on the system bus and allowing for more stable signaling at high frequencies. #### C. Data Buffers (DB) Unlike standard RDIMMs, LRDIMMs like the M3E72XQD-R use multiple **Data Buffer** chips. These buffer the actual data bits (DQ lines), effectively isolating the electrical load of the DRAM chips from the server's memory controller. This is what enables the use of "Octal Rank" (8R) configurations without crashing the system bus. #### D. PMIC (Power Management Integrated Circuit) A major change in DDR5 architecture is that power regulation has moved from the motherboard directly onto the DIMM. * **Voltage Regulation:** Converts the 12V system input to the 1.1V required by the chips. * **Efficiency:** Improves power distribution and reduces noise, which is critical for 4800MT/s speeds. #### E. SPD Hub and Thermal Sensors * **SPD Hub:** Stores information about the module (timing, manufacturer, serial number) and communicates with the system via the I3C bus. * **Thermal Sensors:** Monitor the heat output of the high-density chips to trigger thermal throttling if the module exceeds safe operating temperatures. --- ### 3. Use Case and Performance The "Q" in the part number often refers to the specific die density and stacking architecture. This module is intended for **Mission Critical** environments: * **AI/Machine Learning:** High capacity for large datasets. * **Virtualization:** Hosting dozens of Virtual Machines on a single CPU socket. * **In-Memory Databases:** Fast access to massive amounts of data without hitting slower NVMe storage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between RDIMM and LRDIMM in DDR5 modules?
    • ⤷ How does 3DS stacking technology improve memory density?
    • ⤷ What are the advantages of having the PMIC on the memory module instead of the motherboard?