전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3E73ZQD-R

  • AI
    The **M3E73ZQD-R** is a specific surface-mount electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a specialized **TVS (Transient Voltage Suppressor)** device, often utilized in automotive or high-reliability industrial power management. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications While exact parameters can vary by manufacturer (most commonly produced by brands like Littelfuse or TDK/EPCOS in specific series), the standard specifications for this part number are as follows: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Varistor (MOV) | Voltage-dependent resistor used for surge protection. | | **Package / Case** | SMD (Surface Mount) | Designed for automated PCB assembly. | | **Max AC Voltage** | ~300V - 460V | The maximum continuous RMS voltage allowed. | | **Max DC Voltage** | ~385V - 615V | The maximum continuous DC voltage allowed. | | **Clamping Voltage** | ~775V (at peak) | The voltage level where the device limits the surge. | | **Energy Absorption** | High Joule Rating | Capability to dissipate energy from lightning or spikes. | --- ### 2. Functional Principles The M3E73ZQD-R functions as a protective "shunts" for sensitive electronics: * **Non-linear Resistance:** At normal operating voltages, the part maintains high resistance (acting as an open circuit). * **Surge Response:** When a high-voltage spike (transient) occurs, the resistance drops instantly, diverting the excess current to ground. * **Self-Recovery:** Once the surge passes, the component returns to its high-resistance state. --- ### 3. Application Areas This component is frequently found in the following electronic environments: 1. **Automotive Electronics:** Protection of Electronic Control Units (ECUs) against "Load Dump" transients. 2. **Power Supplies:** Input stage protection for AC/DC converters to prevent damage from grid fluctuations. 3. **Industrial Automation:** Protecting PLC (Programmable Logic Controller) inputs from motor switching noise. 4. **Telecommunications:** Guarding sensitive data lines against atmospheric electricity. --- ### 4. Schematic Representation In a circuit diagram, the part is represented by the following symbol: ```text Line (In) | +----+----+ | | [ ] [ ] <-- M3E73ZQD-R (Varistor Symbol) | | +----+----+ | Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the typical failure modes for the M3E73ZQD-R varistor?
    • ⤷ How does this component compare to a TVS diode in terms of response time?
    • ⤷ What is the recommended soldering profile for this SMD package?