전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3EH52ZPD-R

  • AI
    The **M3EH52ZPD-R** is a high-performance optical transceiver module, typically classified as a **QSFP28 (Quad Small Form-factor Pluggable 28)** module. It is engineered for high-density data communications, specifically for 100 Gigabit Ethernet (100GbE) applications. Below is a detailed breakdown of its electronic and functional components. --- ## 1. Core Technical Specifications The device acts as a bridge between electrical signals from networking hardware (like switches) and optical signals used in fiber optic cabling. | Feature | Specification | | :--- | :--- | | **Form Factor** | QSFP28 | | **Data Rate** | 100 Gbps (4 x 25.78 Gbps lanes) | | **Wavelength** | 1310 nm (Typical for LR4/PSM4) | | **Connector Type** | MPO/MTP or Duplex LC (model dependent) | | **Supply Voltage** | 3.3V | | **Power Consumption** | Usually < 3.5W | --- ## 2. Internal Electronic Architecture The internal circuitry is divided into two main paths: the **Transmitter** and the **Receiver**. ### A. Transmitter Path (Electrical to Optical) 1. **Retimer (Clock and Data Recovery - CDR):** Cleans up the high-speed electrical signals received from the host PCB to reduce jitter. 2. **Laser Driver:** An integrated circuit that converts the electrical data into current pulses to drive the light source. 3. **Optical Source:** Typically a **TOSA (Transmitter Optical Sub-Assembly)** consisting of DML (Directly Modulated Lasers) or EML (Electro-absorption Modulated Lasers). ### B. Receiver Path (Optical to Electrical) 1. **Photodetector:** A high-speed PIN photodiode or APD within a **ROSA (Receiver Optical Sub-Assembly)** that converts light back into electrical current. 2. **TIA (Trans-Impedance Amplifier):** Converts the small current from the photodiode into a measurable voltage. 3. **Limiting Amplifier:** Restores the signal levels to be compatible with the host system's logic (LVTTL/CML). --- ## 3. Key Management Interfaces The module communicates with the host system via a set of low-speed electrical pins: * **I2C Interface (SDA/SCL):** Allows the host to read the module's EEPROM, which contains manufacturer data, serial numbers, and part IDs. * **Digital Diagnostics Monitoring (DDM/DOM):** Real-time monitoring of: * Internal Temperature * Supply Voltage * Laser Bias Current * Transmit (Tx) Optical Power * Receive (Rx) Optical Power * **Control Pins:** Includes `ModSelL` (Module Select), `ResetL` (Hardware Reset), and `LPMode` (Low Power Mode). --- ## 4. Signal Integrity Components To handle **100Gbps** throughput, the "electronic parts" include specialized passive components: * **Decoupling Capacitors:** Placed near power pins to filter high-frequency noise from the 3.3V rail. * **Impedance-Matched Differential Pairs:** The PCB traces within the module are strictly designed for 100-ohm differential impedance to prevent signal reflections. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum reach (distance) supported by the M3EH52ZPD-R module?
    • ⤷ Does this module support Forward Error Correction (FEC) for signal reliability?
    • ⤷ Is the M3EH52ZPD-R compatible with standard 40G QSFP+ slots?