전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3EH56ZPD-R

  • AI
    The **M3EH56ZPD-R** appears to be a specialized high-performance cooling fan component, typically associated with the **Nidec** or similar high-end industrial fan manufacturers. These are often used in server environments, telecommunications, or high-density computing racks. --- ### Technical Specifications and Electronic Components Below is a breakdown of the typical electronic and mechanical characteristics associated with this part number: | Component Category | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) Motor | | **Voltage Rating** | Typically 12V DC (Standard for server infrastructure) | | **Current / Power** | High-amperage design (Often 2.0A - 5.0A range) | | **Control Interface** | 4-Wire (VCC, GND, Tachometer, PWM) | | **Bearing System** | Dual Ball Bearings for 24/7 longevity | | **Protection Features** | Polarity protection, Locked rotor protection, Auto-restart | --- ### Core Electronic Architecture The M3EH56ZPD-R utilizes several sophisticated electronic layers to manage its high RPM and airflow: #### 1. Integrated Circuit (IC) Controller The heart of the fan is a dedicated **BLDC Driver IC**. This chip handles: * **Commutation:** Switching the electromagnetic coils in the correct sequence without physical brushes. * **PWM Speed Control:** Interpreting the Pulse Width Modulation signal from the motherboard to vary fan speed from 10% to 100%. #### 2. Hall Effect Sensors Internal sensors detect the position of the rotor magnets. The electronics use this feedback to ensure smooth rotation and to provide an accurate **Tachometer (FG)** signal back to the system for RPM monitoring. #### 3. Power Management Circuitry Because these fans pull significant current, the internal PCB includes: * **Filtering Capacitors:** To smooth out voltage ripples and reduce EMI (Electromagnetic Interference). * **TVS Diodes:** To protect the fan's internal logic from voltage spikes common in industrial power supplies. --- ### Physical Design Characteristics * **Frame/Impeller:** Usually made of Glass Fiber Reinforced Plastic (PBT) to withstand high heat and prevent warping at high RPMs. * **Connector:** Typically a 4-pin "Latching" or "Molex" style connector used in enterprise server blades (e.g., Dell, HP, or Cisco hardware). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and CFM rating for this specific model?
    • ⤷ How does the PWM signal control the speed of a 4-wire BLDC fan?
    • ⤷ What are the common failure modes for industrial fans in server environments?