전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3EH64ZPD-R

  • AI
    The **M3EH64ZPD-R** is a specific part number typically associated with high-performance **DDR5 SDRAM memory modules**, often used in enterprise environments, servers, or high-end workstations. This part belongs to the Samsung product line. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR5 (Double Data Rate 5) | | **Capacity** | 64GB | | **Form Factor** | RDIMM (Registered DIMM) | | **Data Rate** | Up to 4800 MT/s or 5600 MT/s (Depending on sub-revision) | | **Voltage** | 1.1V (Standard DDR5 Operating Voltage) | | **Error Correction** | ECC (Error Correction Code) | | **Pin Count** | 288-Pin | --- ### 2. Core Electronic Components The physical module consists of several critical electronic sub-components that manage data integrity and power: #### A. DRAM Chips (The Memory Cells) The module features high-density silicon dies. In a 64GB configuration, these are typically stacked or arranged in a "Dual Rank" (2Rx4 or 2Rx8) configuration to maximize capacity without increasing the physical footprint. #### B. Power Management IC (PMIC) Unlike DDR4, which relied on the motherboard to regulate voltage, the M3EH64ZPD-R features an **on-board PMIC**. * **Role:** It converts the 12V input from the system into the 1.1V required by the chips. * **Benefit:** This reduces noise, improves power efficiency, and allows for better voltage granularity. #### C. Registering Clock Driver (RCD) As an **RDIMM**, this module includes an RCD chip. * **Role:** It acts as a buffer for command and address signals between the memory controller (CPU) and the DRAM chips. * **Benefit:** It reduces the electrical load on the CPU, allowing the system to support more memory modules simultaneously without losing signal integrity. #### D. SPD Hub (Serial Presence Detect) This is an integrated EEPROM and thermal sensor. * **Role:** It stores the module's configuration data (timings, speed, voltage) so the BIOS can configure it automatically. * **Benefit:** Includes an integrated temperature sensor to prevent overheating. --- ### 3. Advanced Features * **On-Die ECC:** DDR5 chips have internal error correction to improve reliability at higher speeds. * **Dual 32-bit Subchannels:** DDR5 splits the 64-bit data bus into two independent 32-bit channels, which improves efficiency and lowers latency for data access. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between RDIMM and UDIMM in DDR5 memory?
    • ⤷ How does the on-board PMIC improve performance over older DDR4 designs?
    • ⤷ Is this specific memory module compatible with consumer-grade motherboards?