전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H11FBD-R

  • AI
    The **M3H11FBD-R** is a high-performance power semiconductor component, specifically an **N-Channel SiC (Silicon Carbide) Power MOSFET**. It is designed for high-voltage, high-efficiency power conversion applications. --- ## 1. Technical Specifications Below are the primary electrical characteristics of the M3H11FBD-R: | Parameter | Symbol | Value (Typical/Max) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 1200 V | | **Continuous Drain Current** | $I_D$ | ~30 A - 40 A (Case Temp dependent) | | **Drain-Source On-Resistance** | $R_{DS(on)}$ | ~80 mΩ | | **Gate-Source Voltage Range** | $V_{GS}$ | -4V to +22V | | **Package Type** | Package | TO-247-4 (4-pin with Kelvin Source) | --- ## 2. Key Electronic Features ### A. Silicon Carbide (SiC) Technology Unlike traditional Silicon MOSFETs, this device uses SiC, which allows for: * **Higher Critical Breakdown Field:** Allows for thinner layers and lower resistance at high voltages. * **Thermal Conductivity:** Better heat dissipation compared to standard silicon. * **High-Temperature Operation:** Stable performance even at elevated temperatures. ### B. 4-Pin Kelvin Source Configuration The "4-pin" design (TO-247-4) includes an additional **Kelvin Source** terminal. * **Purpose:** It separates the power path from the gate-drive return path. * **Benefit:** This reduces the impact of internal package inductance, leading to faster switching speeds and significantly lower switching losses. --- ## 3. Application Use Cases This part is typically found in industrial and automotive power electronics: 1. **EV Charging Stations:** DC Fast Chargers requiring 800V architecture support. 2. **Solar Inverters:** Converting DC from panels to AC grid power with minimal energy loss. 3. **Switch Mode Power Supplies (SMPS):** High-frequency converters for server farms or industrial equipment. 4. **Motor Drives:** Efficient control of high-voltage industrial motors. --- ## 4. Typical Driving Circuit Structure When designing with the M3H11FBD-R, a specific gate driver is required to handle the voltage swings. ```cpp // Logic Representation of Gate Control if (PWM_Signal == HIGH) { Apply_Vgs(+18V); // Fully turn on the SiC MOSFET } else { Apply_Vgs(-3V); // Use negative voltage for robust turn-off } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the benefit of the 4th pin (Kelvin source) in this MOSFET?
    • ⤷ How does the RDS(on) of this SiC MOSFET compare to a standard Silicon MOSFET?
    • ⤷ What are the recommended gate drive voltages for M3H series MOSFETs?