전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H14FCG-R

  • AI
    The **M3H14FCG-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) primarily used in automotive and industrial power management applications. It belongs to the **SiC (Silicon Carbide)** or high-efficiency Trench MOSFET families, typically manufactured by companies like **STMicroelectronics** or specialized power semiconductor vendors. --- ### 1. Technical Specifications Below are the typical electrical characteristics for this class of component: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Type** | Channel Type | N-Channel | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage capacity | 30V - 40V | | **Continuous Drain Current ($I_D$)** | Max current at $25^\circ C$ | 80A - 120A | | **RDS(on)** | Static Drain-Source On-Resistance | < 1.5 mΩ | | **Package** | Physical Housing | PowerFLAT / DFN | | **Operating Temperature** | Thermal Range | -55°C to +175°C | --- ### 2. Key Electronic Features #### A. Low $R_{DS(on)}$ (On-Resistance) The "M3" generation focuses on minimizing the internal resistance when the transistor is turned on. This reduces power dissipation (heat) and increases overall system efficiency. #### B. Logic Level Gate Drive The device is designed to be triggered by low-voltage signals (typically 4.5V to 10V), making it compatible with microcontrollers and standard gate drivers without needing complex level-shifting circuitry. #### C. High Thermal Robustness The suffix **"-R"** often denotes specific taping/reeling or a ruggedized version suitable for automotive standards (such as **AEC-Q101**), ensuring the part can withstand extreme vibrations and thermal cycling. --- ### 3. Application Use Cases This part is commonly found in circuits requiring high current switching and high frequency: 1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to step voltage up or down for CPUs or GPUs. 2. **Battery Management Systems (BMS):** Acts as a high-speed switch for protecting battery cells or balancing charges. 3. **Motor Drives:** Controls brushless DC (BLDC) motors in automotive steering or cooling fans. 4. **Load Switching:** Serving as an electronic fuse to turn on/off high-power peripherals. --- ### 4. Circuit Implementation (Typical) To use this part effectively, a gate resistor is usually placed between the driver and the Gate (G) pin to dampen oscillations. ```mermaid graph LR A[Gate Driver] -->|R_gate| B(Gate) C[Voltage Supply] --> D(Drain) E(Source) --> F[Ground/Load] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal dissipation requirements for the M3H14FCG-R?
    • ⤷ Can this MOSFET be used in parallel for higher current applications?
    • ⤷ What is the specific gate charge (Qg) for this model?