전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H15TCD-R

  • AI
    The **M3H15TCD-R** is a specific variant of the M3H series microcontrollers (MCU) developed by **Toshiba**. These chips are based on the **ARM® Cortex®-M3** core and are designed specifically for industrial applications, home appliances, and motor control. --- ### 1. Core Specifications The internal architecture is optimized for high-speed data processing and efficient power consumption. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 80 MHz (varies by sub-family) | | **Operating Voltage** | 2.7V to 5.5V (Wide range) | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Flash Memory** | Typically 32KB to 128KB (depending on specific R-variant) | --- ### 2. Key Peripheral Modules The "electronic parts" inside the silicon die include several specialized hardware blocks: #### A. Motor Control Functions * **A-PMD (Advanced Programmable Motor Driver):** A dedicated hardware block that generates 3-phase PWM signals. It includes "dead time" insertion to prevent short circuits in power stages. * **Vector Engine (VE):** Some versions include a hardware accelerator to handle complex trigonometric calculations required for Field Oriented Control (FOC) of motors. #### B. Analog-to-Digital Conversion (ADC) * **High-speed 12-bit ADC:** Necessary for sampling phase currents and voltages with high precision. * **Sample & Hold:** Allows for simultaneous sampling of multiple analog inputs, critical for synchronized motor control. #### C. Connectivity & Timers * **UART/I2C/SPI:** Standard serial communication interfaces for interacting with sensors or other MCUs. * **T32A (32-bit Timer Event Counter):** Versatile timers used for pulse measurement or generating specific signal timings. --- ### 3. Application Examples Because of its 5V operation capability and specialized motor peripherals, it is commonly found in: 1. **Air Conditioners:** Controlling fan motors and compressors. 2. **Washing Machines:** Managing drum rotation and water pumps. 3. **Industrial Pumps:** Precise flow control using BLDC motors. --- ### 4. Part Number Decoder (M3H15) * **M3:** Refers to the ARM Cortex-M3 Core. * **H:** High-functionality/High-performance branch. * **15:** Specific feature set/Pin count indicator. * **TCD-R:** Packaging and taping specification (usually indicating "Tape and Reel" for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What are the specific memory sizes for the M3H15TCD-R variant?
    • ⤷ How does the A-PMD module differ from standard PWM generators?
    • ⤷ Is there a specific development kit available for the Toshiba M3H series?