전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H15TCG-R

  • AI
    The **M3H15TCG-R** is a high-performance power semiconductor component, specifically a **Silicon Carbide (SiC) MOSFET** manufactured by **ROHM Semiconductor**. It belongs to the 3rd Generation of SiC technology, designed to handle high voltages and high-frequency switching with minimal energy loss. --- ### 1. Key Technical Specifications | Parameter | Value / Characteristic | |:---|:---| | **Component Type** | SiC MOSFET (N-Channel) | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | | **Continuous Drain Current ($I_D$)** | ~15A to 30A (varies by temperature) | | **On-State Resistance ($R_{DS(on)}$)** | Low Typ. (around 150mΩ range) | | **Package Type** | TO-247 (Standard through-hole) | | **Technology** | 3rd Gen Trench Gate Structure | --- ### 2. Core Electronic Features #### A. Trench Gate Structure Unlike conventional planar SiC MOSFETs, the M3H series utilizes a **Trench Gate** architecture. This reduces the cell pitch and lowers the specific on-resistance ($R_{DS(on)}$) per unit area, resulting in smaller chips with higher efficiency. #### B. High-Speed Switching SiC materials have a much higher critical breakdown field than standard Silicon. This allows the M3H15TCG-R to: * Switch at much higher frequencies. * Reduce the size of passive components (inductors and capacitors) in a circuit. * Minimize switching losses (Lower $Q_g$ and $Q_{gd}$). #### C. Thermal Performance SiC has superior thermal conductivity. This part is designed to operate reliably at high junction temperatures (up to **175°C**), allowing for smaller heatsinks or higher power density in compact designs. --- ### 3. Circuit Application Areas The M3H15TCG-R is typically found in power conversion stages where efficiency is critical: 1. **Server Power Supplies:** Used in PFC (Power Factor Correction) circuits to meet 80 PLUS Titanium efficiency standards. 2. **Solar Inverters:** Converts DC from panels to AC for the grid with minimal heat loss. 3. **EV Charging Stations:** High-voltage DC/DC converters for fast-charging infrastructure. 4. **Uninterruptible Power Supplies (UPS):** Ensuring high-efficiency energy transfer during power failures. --- ### 4. Implementation Considerations * **Gate Driving:** To achieve optimal performance, it requires a gate drive voltage ($V_{GS}$) typically around **18V**. Using standard 10V or 15V logic may result in higher $R_{DS(on)}$. * **Parasitic Inductance:** Due to the high switching speeds ($dV/dt$), PCB layout must minimize parasitic inductance to prevent voltage spikes and ringing.
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of Trench Gate over Planar SiC MOSFETs?
    • ⤷ Which Gate Driver ICs are recommended for the ROHM M3H series?
    • ⤷ What is the maximum operating temperature for the M3H15TCG-R?