전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H16TCG-R

  • AI
    The **M3H16TCG-R** is a specific integrated circuit (IC) belonging to the **M3H family** of microcontrollers developed by **Toshiba**. These are based on the ARM® Cortex®-M3 core and are designed for high-performance motor control and industrial automation. --- ### 1. Key Technical Specifications The "M3H" group is optimized for low power consumption and high-speed processing. Below are the general specifications typical for this part number: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | Up to 40 MHz - 80 MHz (varies by sub-series) | | **Operating Voltage** | 2.7V to 5.5V | | **Architecture** | 32-bit RISC | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Communication** | UART, I2C, SPI | --- ### 2. Functional Electronic Blocks The internal architecture of the M3H16TCG-R consists of several critical electronic sections: #### A. Processing Unit (ARM Cortex-M3) * **Efficiency:** High-performance 32-bit CPU designed for real-time applications. * **NVIC:** Nested Vectored Interrupt Controller for low-latency interrupt handling. #### B. Memory Architecture * **Flash Memory:** Internal non-volatile memory for code storage. * **SRAM:** High-speed volatile memory for data processing. #### C. Analog-to-Digital Converter (ADC) * Equipped with a high-resolution 12-bit ADC. * Crucial for sensing current, voltage, and temperature in motor control circuits. #### D. Advanced Timer Unit (T32A) * Supports 32-bit timers and PWM (Pulse Width Modulation) generation. * Specially designed to drive 3-phase brushless DC (BLDC) motors. --- ### 3. Application Areas Due to its robust peripheral set, this part is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners, and refrigerators. 2. **Industrial Equipment:** Small-scale factory automation and sensor hubs. 3. **Consumer Electronics:** Devices requiring precise motion control. --- ### 4. Part Number Breakdown (Naming Convention) | Code | Meaning | | :--- | :--- | | **M3H** | Toshiba TXZ family (Cortex-M3 High-speed group) | | **16** | Denotes specific Flash/RAM density configuration | | **T** | Temperature range (Industrial standard) | | **CG** | Package designator (LQFP) | | **-R** | Tape and Reel packaging (Shipping format) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Flash memory size for the 16-variant of the M3H series?
    • ⤷ How does the T32A timer unit specifically assist in BLDC motor control?
    • ⤷ Does this IC support hardware-based functional safety features (SIL)?