전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H17FBD-R

  • AI
    The **M3H17FBD-R** is a high-performance Power MOSFET specifically engineered for high-voltage and high-speed switching applications. It is part of the Silicon Carbide (SiC) technology family, which offers superior thermal and electrical properties compared to traditional Silicon (Si) components. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Technology** | Silicon Carbide (SiC) | | **Drain-Source Voltage ($V_{DSS}$)** | 1700V | | **Drain Current ($I_D$)** | ~3.7A to 5A (depending on thermal conditions) | | **On-Resistance ($R_{DS(on)}$)** | ~1000 mΩ (1.0Ω) typical | | **Package Type** | TO-247 or similar high-voltage power package | | **Operating Temperature** | Up to 175°C | --- ### 2. Core Features * **High Voltage Rating:** With a 1700V breakdown voltage, this part is designed for industrial grids and high-voltage DC systems. * **SiC Advantages:** Unlike standard Silicon, SiC allows for much faster switching frequencies with significantly lower switching losses. * **Thermal Robustness:** It can operate at higher junction temperatures, reducing the size and weight of required cooling systems (heatsinks). * **Low Parasitic Capacitance:** Enables high-speed operation and reduces EMI (Electromagnetic Interference) challenges. --- ### 3. Internal Structure and Circuit Symbol The device functions as an **N-Channel Enhancement Mode MOSFET**. ```mermaid graph TD Gate[Gate: Control Terminal] Drain[Drain: Positive High Voltage] Source[Source: Ground/Common] BodyDiode[Internal Fast Recovery Diode] Drain --- BodyDiode --- Source Gate -.-> Drain ``` --- ### 4. Common Applications Due to its high voltage tolerance and efficiency, the M3H17FBD-R is typically found in: 1. **Solar Inverters:** Converting DC from high-voltage solar strings to AC power. 2. **EV Charging Stations:** Particularly Level 3 DC Fast Chargers that require high-efficiency power conversion. 3. **Industrial Power Supplies:** High-voltage Switch Mode Power Supplies (SMPS). 4. **Motor Drives:** Controlling high-voltage industrial motors with minimal energy loss. --- ### 5. Design Considerations * **Gate Driving:** SiC MOSFETs usually require a specific gate drive voltage (often around +18V to +20V for turn-on and -5V for turn-off) to minimize losses. * **Creepage and Clearance:** Because this part handles 1700V, the PCB layout must strictly follow safety standards regarding the distance between high-voltage traces to prevent arcing.
    ✨ Follow-up Questions
    • ⤷ What is the recommended gate drive voltage for the M3H17FBD-R?
    • ⤷ How does SiC technology compare to GaN for 1700V applications?
    • ⤷ What are the specific thermal resistance values for this package?