전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H18FAG-R

  • AI
    The **M3H18FAG-R** is a high-performance **N-Channel Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Renesas Electronics**. It is specifically designed for automotive and industrial power switching applications where efficiency and robustness are critical. --- ### ## Technical Specifications Below are the key electrical characteristics of the M3H18FAG-R: | Parameter | Symbol | Typical Value / Limit | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | ~110 A (at $T_C = 25^\circ C$) | | **On-State Resistance** | $R_{DS(on)}$ | ~1.3 mΩ (Max @ $V_{GS} = 10V$) | | **Total Gate Charge** | $Q_g$ | ~75 nC | | **Package Type** | - | TO-252 (DPAK) / HPAK | | **AEC-Q101 Qualified** | - | Yes (Automotive Grade) | --- ### ### Key Features and Benefits 1. **Ultra-Low On-Resistance ($R_{DS(on)}$):** With a resistance as low as 1.3 mΩ, the device minimizes conduction losses, making it highly efficient for high-current applications and reducing heat generation. 2. **Logic Level Drive:** The MOSFET is designed to be fully "on" with a gate voltage around 4.5V to 10V, allowing it to be interfaced with various gate drivers and microcontrollers. 3. **Automotive Reliability:** Being AEC-Q101 qualified, it is tested to withstand harsh environments, including extreme temperature cycles and mechanical vibrations found in vehicle systems. 4. **High Power Density:** Despite its small footprint (typically a DPAK or similar surface-mount package), it can handle very high currents due to optimized lead-frame and die technology. --- ### ### Common Applications * **Automotive Power Steering (EPS):** High current handling for motor control. * **DC-DC Converters:** High-frequency switching for voltage regulation. * **Battery Management Systems (BMS):** Load switching and protection circuits in electric vehicles. * **Motor Drives:** Used in H-bridge configurations for brushed and brushless DC motors. --- ### ### Internal Structure (Simplified) The M3H series utilizes a trench-gate structure to pack more cells into a smaller area, which is what allows for the low resistance and high current rating. ```mermaid graph LR G[Gate] -- Controlling Voltage --> CH[Channel] S[Source] -- Electrons Flow --> CH CH -- Through Silicon --> D[Drain] ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the M3H18FAG-R at 100A?
    • ⤷ How does the M3H18FAG-R compare to similar MOSFETs from Infineon or STMicroelectronics?
    • ⤷ What is the specific gate-source threshold voltage for this model?