전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H22FAG-R

  • AI
    ### Overview of M3H22FAG-R The **M3H22FAG-R** is an N-Channel Power MOSFET designed for high-efficiency power management and switching applications. It is commonly utilized in automotive and industrial sectors due to its robust thermal characteristics and low on-resistance. --- ### Technical Specifications The following table outlines the primary electronic parameters for this component: | Parameter | Symbol | Typical Value / Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V - 40V (Typical for series) | | **Continuous Drain Current** | $I_{D}$ | 20A - 40A (Package dependent) | | **RDS(on) (Max)** | $R_{DS(on)}$ | ~5 to 15 mΩ (at $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Operating Temperature** | $T_{j}$ | -55°C to +150°C | | **Package Type** | Package | SOP-8 / PDFN (Small form factor) | --- ### Key Features 1. **Low RDS(on):** Minimizes conduction losses, which is critical for maintaining high efficiency in power converters. 2. **Logic Level Drive:** Can be driven directly by microcontrollers or PWM ICs with 4.5V to 5V gate signals. 3. **Fast Switching:** Low gate charge ($Q_g$) allows for high-frequency operation, reducing the size of passive components like inductors. 4. **Thermal Performance:** Designed with a bottom-side thermal pad (in PDFN versions) to enhance heat dissipation. --- ### Typical Applications * **DC-DC Converters:** Used in buck, boost, or buck-boost topologies for voltage regulation. * **Battery Management Systems (BMS):** Acts as a protection switch or cell balancer. * **Motor Control:** Utilized in H-bridge circuits for small DC motors or BLDC motor drivers. * **Load Switching:** Efficiently turning on/off high-current peripherals in automotive electronics. --- ### Pin Configuration (Standard SOP-8/PDFN) ```text Top View +------------+ 1 | Source | 8 | Drain 2 | Source | 7 | Drain 3 | Source | 6 | Drain 4 | Gate | 5 | Drain +------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific Rds(on) values at 4.5V vs 10V gate voltage?
    • ⤷ Is this component AEC-Q101 qualified for automotive use?
    • ⤷ What are the recommended thermal heatsinking methods for the M3H22FAG-R?