전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H22FCD-R

  • AI
    The **M3H22FCD-R** is an integrated circuit, specifically a member of the **M3H Group** of microcontrollers developed by **Toshiba**. These MCUs are based on the **ARM® Cortex®-M3** core, designed for high-efficiency motor control and consumer electronic applications. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications The device is optimized for real-time control and low power consumption. | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz - 80 MHz (varies by operational mode) | | **Flash Memory** | 128 KB - 512 KB (Part-specific variant) | | **RAM** | 12 KB - 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP (Low-profile Quad Flat Package) | --- ### 2. Key Internal Components The "FCD-R" designation refers to specific peripheral sets and packaging. The internal architecture consists of: #### A. Core and Memory * **ARM® Cortex®-M3:** A 32-bit RISC processor known for its high performance-to-power ratio. * **Embedded Flash:** High-speed memory for storing application firmware. * **SRAM:** Used for data variables and stack operations. #### B. Motor Control Peripherals (A-PMD) One of the primary features of the M3H group is the **Advanced Programmable Motor Driver (A-PMD)**. * **PWM Generation:** Capable of generating complex pulse-width modulation signals for 3-phase motors. * **Dead Time Control:** Prevents short circuits in H-bridge configurations by adding delays between switching. #### C. Analog Components * **ADCs (Analog-to-Digital Converters):** High-speed 12-bit converters used for sensing current, voltage, and temperature. * **VEC (Vector Engine):** Some models include hardware acceleration to handle the mathematical calculations required for Vector Control (FOC). #### D. Connectivity and Communication * **UART/I2C/SPI:** Standard serial interfaces for communicating with sensors or other MCUs. * **Timers:** Multiple 16-bit and 32-bit timers for task scheduling and input capture. --- ### 3. Naming Convention Breakdown In the Toshiba lineup, the part number is structured as follows: * **M3H:** The product group (Cortex-M3 High-functionality). * **22:** Refers to the specific pin count or peripheral set version. * **F:** Indicates "Flash" memory type. * **CD:** Indicates the memory density/package configuration. * **-R:** Usually denotes the packaging format (e.g., Tape and Reel). --- ### 4. Typical Applications * **Home Appliances:** Washing machines, air conditioners (inverters), and refrigerators. * **Industrial Equipment:** Small-scale motor drivers and pump controllers. * **Office Automation:** Printers and scanners. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H22FCD-R in standby mode?
    • ⤷ How does the A-PMD peripheral compare to standard PWM controllers?
    • ⤷ Which development tools or IDEs support programming for this Toshiba MCU?