전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H22TAD-R

  • AI
    The **M3H22TAD-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in automotive and industrial power management applications. It is designed for efficient switching and low energy loss. --- ## 1. Core Technical Specifications Below are the primary electrical characteristics for this component: | Parameter | Description | Typical Value | |:---|:---|:---| | **Type** | N-Channel Enhancement Mode | - | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum breakdown voltage | 30V - 40V | | **Drain Current ($I_D$)** | Maximum continuous current | ~80A - 100A (Package limited) | | **$R_{DS(on)}$** | Static Drain-Source On-Resistance | < 2.0 mΩ | | **Gate Charge ($Q_g$)** | Total gate charge for switching | Low (optimized for high speed) | | **Package** | Surface Mount | TSON-8 / DFN (Thermal optimized) | --- ## 2. Key Electronic Features ### Low On-Resistance ($R_{DS(on)}$) One of the most critical aspects of this part is its extremely low resistance when turned on. This reduces **conduction losses**, meaning the device generates very little heat even when high current passes through it. ### High-Speed Switching The internal capacitance (gate-to-source and gate-to-drain) is minimized. This allows the MOSFET to turn on and off rapidly, reducing **switching losses** in DC-DC converters. ### Thermal Management The "TAD" suffix often refers to the package type (like an 8-pin TSON). This package features an exposed thermal pad on the bottom, allowing heat to transfer directly into the PCB copper layers. --- ## 3. Circuit Applications The M3H22TAD-R is commonly integrated into the following circuits: 1. **Synchronous Rectification:** Used in the secondary side of power supplies to improve efficiency over traditional diodes. 2. **DC-DC Converters:** Point-of-Load (POL) modules for CPUs and GPUs where high current and low voltage are required. 3. **Motor Drivers:** H-bridge circuits for small DC motors or automotive actuators. 4. **Load Switching:** Used as a digital switch to turn off entire subsystems to save power. --- ## 4. Typical Connection Diagram In a standard application, the pins are utilized as follows: ```text [ Drain ] (Top/Pad) | +-----+-----+ | | [Gate]----[Source] ``` * **Gate:** Controlled by a PWM signal from a Microcontroller or Gate Driver. * **Drain:** Connected to the high-voltage side or the load. * **Source:** Connected to the ground (in low-side switching) or the output. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal limits for the M3H22TAD-R during continuous operation?
    • ⤷ How does the RDS(on) of this MOSFET change with temperature variations?
    • ⤷ Which gate driver ICs are best suited for driving this N-channel MOSFET at high frequencies?