전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H22TDD-R

  • AI
    The **M3H22TDD-R** is a specific variant of a Magnetic Proximity Sensor, typically utilized in industrial automation for position sensing and pneumatic cylinder control. It belongs to a category of solid-state electronic switches. --- ### Technical Specifications and Electronic Profile Below is a breakdown of the electronic characteristics typical of this component: | Parameter | Specification | | :--- | :--- | | **Switching Type** | Solid State (Electronic) | | **Output Type** | NPN / PNP (Depending on specific wiring configuration) | | **Operating Voltage** | 5V to 30V DC | | **Switching Current** | 100 mA Max | | **Voltage Drop** | $\leq$ 0.5V | | **Indicator** | Red LED (Standard for "R" suffix models) | | **Connection** | 2-wire or 3-wire (Typically 2-wire for "TDD" series) | --- ### Key Electronic Components & Functionality #### 1. The Magnetoresistive Element Unlike a mechanical reed switch that uses physical metal blades, the M3H22TDD-R uses a solid-state sensor. When a magnetic field (from a piston or actuator) comes near, the internal resistance of the sensor changes, triggering the circuit. #### 2. Switching Circuitry The device includes internal protection and logic circuits: * **Reverse Polarity Protection:** Prevents the device from burning out if the positive and negative wires are swapped. * **Overload Protection:** Limits damage if the current exceeds the 100mA threshold. #### 3. Visual Feedback (LED) The "R" in the part number usually signifies a **Red LED indicator**. This is an electronic diagnostic tool that allows technicians to see if the sensor is "Active" without needing a multimeter. #### 4. Wiring Diagram Logic The M3H22TDD-R usually follows standard industrial color coding: * **Brown:** Positive (+) * **Blue:** Negative (-) / Common --- ### Applications * **Pneumatic Cylinders:** Sensing the "End of Stroke" or "Home" position. * **Robotics:** Detecting the presence of metallic/magnetic end-effectors. * **Conveyor Systems:** Counting items or detecting gate positions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this solid-state model and a standard reed switch?
    • ⤷ Can this sensor be used with AC voltage or is it DC only?
    • ⤷ How do I wire this sensor to a PLC input?