전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H23FDG-R

  • AI
    The **M3H23FDG-R** is a high-performance, N-channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). This specific component is often found in power management circuits, DC-DC converters, and load switching applications due to its efficiency and compact packaging. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electrical characteristics for this class of MOSFET: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Type** | Channel Type | N-Channel | | **$V_{DSS}$** | Drain-Source Voltage | 30V | | **$I_D$** | Continuous Drain Current | 20A - 30A (Depending on thermal dissipation) | | **$R_{DS(on)}$** | Static Drain-Source On-Resistance | ~3.0mΩ - 6.0mΩ (@ $V_{GS}$ = 10V) | | **$V_{GS(th)}$** | Gate Threshold Voltage | 1.0V - 2.5V (Logic Level Compatible) | | **Package** | Physical Housing | DFN3x3 / PDFN3333 | --- ### 2. Electronic Functionality The M3H23FDG-R acts as an **electronic switch**. * **Switching Mechanism:** When a positive voltage (higher than the threshold $V_{GS(th)}$) is applied to the **Gate**, it creates a conductive channel between the **Drain** and **Source**, allowing current to flow with very low resistance. * **Low $R_{DS(on)}$:** The extremely low internal resistance means very little energy is lost as heat during operation, which is critical for battery-powered devices. * **Logic Level Drive:** Because the threshold voltage is low, it can be triggered directly by microcontrollers (3.3V or 5V logic) without needing a complex gate driver circuit. --- ### 3. Pin Configuration (Typical PDFN/DFN) While always refer to the specific manufacturer datasheet for PCB layout, the standard pinout for this package is: 1. **Source (S):** Pins 1, 2, 3 2. **Gate (G):** Pin 4 3. **Drain (D):** Pins 5, 6, 7, 8 (Usually connected to the large thermal pad on the bottom) --- ### 4. Common Applications * **Motherboards/Laptops:** Used in VRM (Voltage Regulator Module) circuits to step down voltage for CPUs. * **Battery Protection:** Acts as a cut-off switch in BMS (Battery Management Systems). * **Motor Control:** Used in H-bridge circuits for small DC motors. * **LED Drivers:** High-speed switching for dimming applications.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Pd) for the M3H23FDG-R?
    • ⤷Can this MOSFET be used in a 24V system safely?
    • ⤷What are the equivalent alternative parts for this MOSFET?