전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H24FAD-R

  • AI
    The **M3H24FAD-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in automotive and industrial power management applications. It is designed for high-efficiency switching and robust thermal performance. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the M3H24FAD-R: | Parameter | Symbol | Value (Typical/Max) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40V | | **Continuous Drain Current** | $I_D$ | ~100A - 120A (Package limited) | | **On-Resistance** | $R_{DS(on)}$ | ~1.8 mΩ to 2.4 mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | DPAK / TO-252 | Surface Mount | | **Operating Temperature** | $T_j$ | -55°C to 175°C | --- ### 2. Physical and Structural Components The device consists of three main electronic "parts" or terminals that govern its operation: 1. **Gate (G):** The control terminal. A voltage applied here creates an electric field that allows current to flow between the drain and source. 2. **Drain (D):** The terminal where current enters (in an N-channel device). It is usually connected to the copper heat sink pad on the back of the package for thermal dissipation. 3. **Source (S):** The terminal where current exits. ### 3. Core Features * **Trench Technology:** It utilizes a "Trench" gate structure, which reduces the internal resistance ($R_{DS(on)}$) and minimizes power loss during conduction. * **Logic Level Drive:** It is often designed to be triggered by low-voltage logic (e.g., 5V), making it compatible with microcontrollers. * **Avalanche Ruggedness:** The internal structure is designed to handle "avalanche" events—sudden voltage spikes from inductive loads (like motors)—without immediate failure. --- ### 4. Common Applications Due to its high current handling and low heat generation, it is found in: * **DC-DC Converters:** For stepping down battery voltage in vehicles. * **Motor Controllers:** Driving brushed or brushless DC motors. * **Load Switches:** Acting as an electronic fuse to protect circuits from overcurrent. * **Battery Management Systems (BMS):** Controlling the charging and discharging paths in lithium-ion packs. --- ### 5. Schematic Symbol Representation In a circuit diagram, the M3H24FAD-R is represented as an N-Channel Enhancement Mode MOSFET: ```text Drain (D) | |----+ | | Gate |----| (Internal Body Diode) (G) | | |----+ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the M3H24FAD-R at maximum current?
    • ⤷ How does the RDS(on) value change with temperature in this specific MOSFET?
    • ⤷ Is there a direct equivalent or alternative part for the M3H24FAD-R?