전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H24FBD-R

  • AI
    The **M3H24FBD-R** belongs to the Renesas **RA3 Series** (specifically the RA3E1 group). It is a 32-bit Microcontroller (MCU) based on the Arm® Cortex®-M33 core. This part is designed for high-performance, low-power applications such as home appliances, industrial automation, and building control. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M33 | | **Maximum Frequency** | 100 MHz | | **Flash Memory** | 1 MB | | **SRAM** | 128 KB | | **Operating Voltage** | 1.6V to 5.5V | | **Package** | 100-pin LQFP (14 x 14 mm) | | **Operating Temperature** | -40°C to +85°C (Standard) / +105°C | --- ### 2. Core Functional Blocks #### A. Processing & Memory * **TrustZone® Support:** Provides hardware-enforced isolation for security. * **Memory Protection Unit (MPU):** Enhances system reliability by preventing unauthorized memory access. * **Data Flash:** Includes 8 KB of data flash for E2PROM emulation. #### B. Analog Peripherals This MCU is highly integrated with analog components to reduce external BOM (Bill of Materials): * **ADC:** 12-bit Analog-to-Digital Converter (approx. 24 channels). * **DAC:** 12-bit Digital-to-Analog Converter (2 channels). * **Comparators:** High-speed analog comparators. * **Internal Voltage Reference:** For stable analog measurements. #### C. Communication Interfaces The M3H24FBD-R supports a wide array of serial protocols: * **SCI (Serial Communications Interface):** Up to 10 channels (UART, Simple SPI, Simple I2C). * **SPI:** 2 dedicated channels. * **I2C:** 2 multi-master bus interfaces. * **CAN-FD:** Supports high-speed Controller Area Network with Flexible Data-rate. #### D. Timers and PWM * **GPT (General Purpose Timer):** 32-bit and 16-bit timers capable of PWM output for motor control. * **Low Power Timer:** Designed for operation in sleep modes. * **WDT:** Independent Watchdog Timer for system safety. --- ### 3. Application Use Cases * **Industrial:** Sensor hubs, PLC modules, and motor control. * **Consumer:** White goods (washing machines, refrigerators) requiring high safety standards. * **Security:** Smart locks and secure IoT gateways utilizing the TrustZone features. --- ### 4. Part Number Decoding (Quick Guide) * **M3:** Refers to the Arm Cortex-M33 Core. * **H:** High-speed/Performance category. * **24:** Specific Pin Count/Memory configuration indicator. * **FBD:** Package code (LQFP). * **-R:** Denotes tape and reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption specs for the M3H24FBD-R in standby mode?
    • ⤷ Which development tools or IDEs are recommended for Renesas RA3 MCUs?
    • ⤷ How does TrustZone technology enhance security in this specific chip?