전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H24FCG-R

  • AI
    The **M3H24FCG-R** belongs to the **TOSHIBA TXZ+™ Family Advanced Class** of microcontrollers. Specifically, it is part of the **M3H Group**, which is based on the high-performance **ARM® Cortex®-M3** core. This component is designed primarily for industrial equipment, home appliances, and motor control applications that require low power consumption and high-speed data processing. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 16 KB (with parity) | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Blocks The M3H24FCG-R integrates several specialized electronic blocks to handle complex tasks: #### A. Analog Components * **12-bit ADC:** High-speed Analog-to-Digital converter with up to 21 channels. It features a conversion time of approximately 1.0 $\mu$s. * **8-bit DAC:** Dual-channel Digital-to-Analog converter for waveform generation. #### B. Timer and Control Units * **A-T運動 (Advanced Programmable Motor Control):** Specifically designed for 3-phase motor control, including dead-time insertion and emergency stop synchronization. * **T32A:** 32-bit Timer Event Counter for precise timing operations. * **Real-Time Clock (RTC):** For calendar and time-keeping functions. #### C. Communication Interfaces The chip supports various serial communication protocols: * **UART:** Up to 5 channels. * **I2C / EI2C:** Enhanced Inter-Integrated Circuit bus. * **TSPI:** Toshiba Serial Peripheral Interface (High-speed SPI). --- ### 3. Special Features * **Self-Diagnosis Functions:** Hardware support for IEC 60730 safety standards (class B), including RAM parity checks and clock frequency monitoring. * **Low Power Consumption:** Includes multiple power-down modes (IDLE, STOP1, STOP2) to extend battery life in portable applications. * **DMA Controller:** Allows high-speed data transfer between peripherals and memory without CPU intervention. --- ### 4. Typical Applications * **Consumer Electronics:** Washing machines, air conditioners, and refrigerators. * **Industrial Automation:** Sensor hubs, small motor drivers, and PLC modules. * **Power Management:** Digital power supply controllers.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the M3H group and the M4H group in Toshiba's TXZ+ family?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ What development tools or IDEs are recommended for the M3H24FCG-R?