전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H25FAD-R

  • AI
    The **M3H25FAD-R** is a high-performance, automotive-grade N-channel Power MOSFET typically manufactured by **Renesas Electronics**. It is designed for high-efficiency power management and switching applications, specifically within harsh automotive environments. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the M3H25FAD-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40 V | | **Drain Current (Continuous)** | $I_D$ | ~150 A (Package limited) | | **On-State Resistance** | $R_{DS(on)}$ | ~1.4 mΩ @ 10V | | **Gate-Source Voltage** | $V_{GS}$ | ±20 V | | **Package Type** | - | TO-252 (DPAK) | | **Qualification** | - | AEC-Q101 | --- ### 2. Physical Structure & Packaging The device utilizes the **TO-252 (DPAK)** surface-mount package. This packaging is preferred in power electronics because: * **Thermal Dissipation:** It features a large metal tab (connected to the Drain) that allows for efficient heat transfer to the PCB. * **Compact Footprint:** It balances high current handling with a relatively small board area. --- ### 3. Core Features * **Ultra-Low On-Resistance ($R_{DS(on)}$):** At approximately 1.4 mΩ, it minimizes conduction losses, making it highly efficient for high-current applications. * **Logic Level Drive:** The gate threshold voltage is optimized to allow the MOSFET to be driven by standard logic-level signals, simplifying driver circuitry. * **AEC-Q101 Qualified:** This indicates the part has passed rigorous stress testing for automotive reliability, including temperature cycling and moisture resistance. * **High Speed Switching:** Designed with low gate charge ($Q_g$) to allow for fast transitions, reducing switching losses. --- ### 4. Typical Applications The M3H25FAD-R is commonly found in the following systems: 1. **Electric Power Steering (EPS):** Handling high-current motor control. 2. **DC-DC Converters:** Used in voltage regulation for automotive auxiliary systems. 3. **Battery Management Systems (BMS):** Serving as a high-current switch for battery protection. 4. **Load Switches:** Controlling power to high-wattage peripherals like heaters or fans. --- ### 5. Implementation Example (Basic Switching) To use this MOSFET in a circuit, a standard gate resistor ($R_G$) is used to prevent oscillation and control switching speed: ```cpp // Schematic Concept [Logic Output] --- [R_Gate (10-47 ohms)] --- [Gate Terminal] [Ground] ----------------------------------- [Source Terminal] [Load (+)] --------------------------------- [Drain Terminal] ```
    ✨ Follow-up Questions
    • ⤷ What are the safe operating temperature limits for the M3H25FAD-R?
    • ⤷ How does its RDS(on) change at higher temperatures?
    • ⤷ What are the recommended gate driver ICs for this MOSFET?