M3H25FCG-R
AI

The **M3H25FCG-R** is an N-Channel Enhancement Mode Power MOSFET specifically designed for high-efficiency power management and switching applications. It is frequently utilized in automotive and industrial sectors due to its robust thermal characteristics and low resistance.
---
### 1. Key Technical Specifications
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30V |
| **Continuous Drain Current** | $I_D$ | ~25A |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~10mΩ (at $V_{GS}$ = 10V) |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Package Type** | DPAK / TO-252 | Surface Mount |
---
### 2. Functional Description
This electronic component acts as a high-speed switch or a variable resistor controlled by voltage.
* **Low $R_{DS(on)}$:** The device minimizes power dissipation during the "ON" state, which reduces heat generation and improves overall system efficiency.
* **Fast Switching:** The low gate charge allows the MOSFET to transition between "ON" and "OFF" states very quickly, making it ideal for high-frequency PWM (Pulse Width Modulation) circuits.
* **Enhancement Mode:** This means the device is normally "OFF" when the gate-source voltage is zero. A positive voltage must be applied to the gate to allow current to flow.
---
### 3. Application Use Cases
The M3H25FCG-R is commonly found in the following electronic assemblies:
1. **DC-DC Converters:** Used as a switching element to step down or step up voltages in power supplies.
2. **Motor Controllers:** Found in H-bridge circuits for controlling the speed and direction of small DC motors.
3. **Battery Protection:** Integrated into BMS (Battery Management Systems) to disconnect loads or chargers during fault conditions.
4. **Load Switching:** Acting as an electronic relay to turn peripherals on or off in automotive body electronics.
---
### 4. Thermal & Mechanical Considerations
The **-R** suffix typically denotes that the part is supplied in **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly. Because it is a high-current device, the DPAK package is designed to dissipate heat through the PCB copper plane; therefore, proper thermal via design is essential for its longevity.
- ⤷What are the equivalent alternatives to the M3H25FCG-R?
- ⤷ How does the gate charge affect the switching frequency of this MOSFET?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?