전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H26FAD-R

  • AI
    The **M3H26FAD-R** is a high-performance power semiconductor component, specifically a **Silicon Carbide (SiC) MOSFET**. These parts are designed for high-efficiency power conversion in demanding environments such as electric vehicles and industrial power supplies. --- ### 1. Technical Specifications Below are the primary electrical characteristics of the M3H26FAD-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | Maximum voltage the device can handle. | | **Drain Current ($I_D$)** | ~100A+ | High current carrying capacity (temperature dependent). | | **$R_{DS(on)}$** | ~26 mΩ | Low "on-resistance" to minimize power loss. | | **Technology** | SiC (Silicon Carbide) | 3rd Generation Trench technology. | | **Package Type** | TO-263-7L (D2PAK-7L) | Surface-mount package with enhanced thermal dissipation. | --- ### 2. Key Internal Components & Architecture #### A. Silicon Carbide (SiC) Substrate Unlike standard Silicon MOSFETs, this part uses a Wide Bandgap (WBG) material. This allows the device to operate at: * **Higher Temperatures:** Maintains stability beyond $150^\circ\text{C}$. * **Higher Frequencies:** Faster switching reduces the size of passive components like inductors and capacitors. #### B. The 7-Pin Package (TO-263-7L) The "7L" designation is critical for electronic performance: * **Kelvin Source Connection:** One pin is dedicated specifically as a reference for the gate driver. This bypasses the source inductance, preventing "ringing" and allowing for much faster, cleaner switching speeds. * **Thermal Pad:** The large metal base provides a low thermal resistance path to the PCB or heatsink. --- ### 3. Application Use Cases Because of its high efficiency and 650V rating, the M3H26FAD-R is typically used in the following stages: 1. **On-Board Chargers (OBC):** Converting AC grid power to DC for electric vehicle batteries. 2. **DC/DC Converters:** Stepping down high-voltage battery power to low-voltage systems. 3. **Server Power Supplies:** High-efficiency (80 Plus Titanium) power units for data centers. 4. **Solar Inverters:** Converting DC solar energy into AC for the grid with minimal heat loss. --- ### 4. Advantages over standard Silicon * **Lower Switching Losses:** Approximately 50-80% lower than traditional Si-IGBTs. * **Size Reduction:** Because it runs cooler and switches faster, the overall cooling system and magnetic components can be significantly smaller. * **Integrated Body Diode:** Features a fast recovery body diode, making it ideal for bridge topologies without needing external clamping diodes.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the TO-263-7L package?
    • ⤷ How does the Kelvin Source pin improve switching performance in this MOSFET?
    • ⤷ Can this SiC MOSFET be used as a direct drop-in replacement for a standard Silicon MOSFET?