M3H26TAG-R
AI

The **M3H26TAG-R** is a specific technical component part number, most commonly associated with **RFID Transponders (Tags)** or specialized automotive/industrial electronic components. Below is a detailed breakdown of its electronic characteristics and typical specifications.
---
### 1. General Overview
This component is typically a passive or active electronic tag used for identification, tracking, or security. It is engineered to operate in harsh environments, often meeting automotive or industrial grade standards.
### 2. Technical Specifications
While exact specifications can vary slightly depending on the manufacturer (often associated with brands like **Mitsubishi** or specialized RFID firms), the typical electronic profile is as follows:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RFID Transponder / Electronic Tag |
| **Frequency Range** | Typically LF (125 kHz) or HF (13.56 MHz) |
| **Memory Capacity** | Read-only or Read/Write (e.g., 64-bit to 2k-bit) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Communication Protocol** | Proprietary or ISO/IEC Standard (e.g., ISO 15693) |
| **Housing Material** | Epoxy Resin or High-temp Plastic |
---
### 3. Key Electronic Sub-systems
The internal architecture of the M3H26TAG-R generally consists of three primary electronic parts:
#### A. The Integrated Circuit (IC)
* **Logic Unit:** Handles data encoding and decoding.
* **EEPROM:** Non-volatile memory that stores the unique ID or user-programmed data.
* **Rectifier:** Converts the incoming RF signal into DC voltage to power the chip (if passive).
#### B. The Antenna Coil
* A micro-copper coil tuned to a specific resonance frequency.
* Acts as the primary interface for energy harvesting and data transmission via electromagnetic induction.
#### C. Tuning Capacitor
* An internal capacitor that works with the antenna coil to create an **LC Resonant Circuit**.
* This ensures the tag responds accurately to the specific frequency of the reader.
---
### 4. Common Applications
* **Automotive Security:** Used in key fobs for immobilizer systems.
* **Access Control:** High-security building entry tokens.
* **Industrial Logistics:** Tracking heavy machinery or parts through high-heat manufacturing processes.
- ⤷
What is the specific frequency range for the M3H26TAG-R?
- ⤷ Is this component compatible with standard NFC readers?
- ⤷ What are the mounting requirements for this tag in industrial environments?