전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H28TAD-R

  • AI
    The **M3H28TAD-R** is a high-performance, radiation-hardened (Rad-Hard) DC-DC converter designed specifically for aerospace and satellite applications. It is part of the M3H series manufactured by **International Rectifier (now Infineon Technologies)**. --- ## 1. Core Technical Specifications The M3H28TAD-R is designed to provide stable power in the harsh environment of space, where radiation and vacuum conditions are prevalent. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 50V DC (28V Nominal) | | **Output Voltage** | Triple Output (Typically +5V and ±12V or ±15V) | | **Total Power** | Up to 40 Watts | | **Efficiency** | Up to 82% | | **Isolation** | 100MΩ @ 500VDC | | **Operating Temp** | -55°C to +125°C | | **Package** | Hermetically sealed metal case | --- ## 2. Radiation Hardness & Reliability The "R" suffix in the part number usually denotes the radiation rating. This device is engineered to withstand the effects of the space environment: * **Total Ionizing Dose (TID):** Guaranteed performance up to **100 krad(Si)**. * **Single Event Effects (SEE):** Rated for Linear Energy Transfer (LET) up to **82 MeV·cm²/mg**. * **Magnetic Feedback:** Uses a localized magnetic feedback loop instead of optocouplers, as optocouplers are highly susceptible to radiation degradation. --- ## 3. Functional Internal Blocks The electronic architecture consists of several critical stages to ensure power integrity: ### A. Input Filter Includes an internal EMI filter to meet MIL-STD-461 requirements, preventing high-frequency noise from feeding back into the satellite's primary power bus. ### B. Switching Regulator Utilizes a high-frequency (approx. 400kHz - 500kHz) fixed-frequency PWM (Pulse Width Modulation) topology. This allows for smaller passive components (inductors/capacitors) to save weight. ### C. Triple Output Regulation 1. **Main Output:** Usually the +5V line, which is the primary regulated loop. 2. **Auxiliary Outputs:** The positive and negative rails (e.g., ±12V) are cross-regulated or utilize post-regulators to maintain stability. --- ## 4. Protection Features To prevent failure in orbit, the M3H28TAD-R includes hardware-level protections: * **Short Circuit Protection:** Current limiting to prevent thermal runaway. * **Under-Voltage Lockout (UVLO):** Ensures the converter doesn't attempt to start under insufficient input voltage. * **Remote Sense:** Compensates for voltage drops across connectors and traces. --- ## 5. Typical Application This part is commonly found in: * **Low Earth Orbit (LEO) Satellites** * **Geostationary (GEO) Satellites** * **Deep Space Probes** * **Military Aircraft Avionics**
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage configurations for the 'TAD' variant?
    • ⤷ How does the magnetic feedback in this model differ from standard industrial DC-DC converters?
    • ⤷ What are the mounting and thermal management requirements for the hermetic package?