M3H28TDD-R
AI

The **M3H28TDD-R** is a high-performance, radiation-hardened (RadHard) isolated DC-DC converter specifically designed for space and satellite applications. It is manufactured by International Rectifier (now part of Infineon Technologies).
---
## 1. Core Technical Specifications
The "M3H" series represents a specific class of high-reliability converters. Below are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 50V DC (28V Nominal) |
| **Output Voltage** | Dual Outputs (typically ±12V or ±15V depending on config) |
| **Output Power** | Up to 40 Watts |
| **Efficiency** | Up to 82% |
| **Isolation** | 100MΩ @ 500VDC |
| **Operating Temp** | -55°C to +85°C (Case) |
---
## 2. Key Electronic Components & Architecture
The device utilizes a sophisticated internal topology to ensure stability in harsh environments:
### A. Magnetic Feedback
Unlike commercial converters that use optoisolators (which degrade under radiation), the M3H28TDD-R uses **magnetic feedback**. This ensures long-term reliability and prevents loop gain shifts caused by Total Ionizing Dose (TID).
### B. Radiation Hardening (RadHard)
* **TID (Total Ionizing Dose):** Guaranteed performance up to **100 krad(Si)**.
* **SEE (Single Event Effects):** Rated for Heavy Ion environments; immune to Single Event Latch-up (SEL) up to an LET of **82 MeV·cm²/mg**.
### C. Protection Circuitry
1. **Input Undervoltage Lockout (UVLO):** Prevents the unit from operating during brown-out conditions to protect the internal MOSFETs.
2. **Overload/Short Circuit Protection:** Features a "hiccup" mode or current limiting to prevent thermal runaway.
3. **Soft-Start:** Minimizes inrush current during startup to prevent bus voltage drops.
---
## 3. Physical & Mechanical Parts
The construction is as critical as the electronic design for space survival.
* **Package:** Hermetically sealed, low-profile metal case.
* **Lead Finish:** Gold-plated leads to prevent "tin whiskers" in vacuum environments.
* **Weight:** Approximately 110 grams.
---
## 4. Pin Configuration Overview
The "TDD" suffix usually denotes a triple or dual output configuration. Common pins include:
| Pin Type | Description |
| :--- | :--- |
| **Vin / Vout** | Main power input and regulated output rails. |
| **Share** | Allows for parallel operation with other units. |
| **Inhibit** | A logic-level input to turn the converter ON or OFF remotely. |
| **Adjust** | Allows the user to trim the output voltage slightly (±10%). |
- ⤷
What are the specific output voltage levels for the 'TDD' variant of this series?
- ⤷ How does the magnetic feedback mechanism differ from standard optocouplers in terms of reliability?
- ⤷ What are the mounting requirements for heat dissipation in a vacuum environment?