전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H31FCG-R

  • AI
    The **M3H31FCG-R** is a high-performance microcontroller unit (MCU) belonging to the **TXZ+™ Family Advanced Class** manufactured by **Toshiba**. It is based on the ARM® Cortex®-M3 core and is specifically designed for motor control, industrial equipment, and consumer electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14mm x 14mm) | | **I/O Pins** | 87 pins | --- ### 2. Core Functional Modules #### A. Motor Control Capabilities The M3H series is renowned for its specialized motor control peripherals: * **A-PMD (Advanced Programmable Motor Driver):** Supports 3-phase PWM output, dead-time insertion, and emergency stop synchronization. * **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoder signals (Phase A, B, and Z), essential for precise position and speed sensing. #### B. Analog-to-Digital Conversion (ADC) * **High Speed:** Features a 12-bit ADC with a conversion speed of approximately 1.0 $\mu$s. * **Simultaneous Sampling:** Allows for synchronized current sensing in motor phases, reducing torque ripple. #### C. Communication Interfaces The chip provides robust connectivity options for industrial environments: * **UART:** Up to 6 channels. * **I2C:** High-speed mode supported. * **TSPI:** Serial Peripheral Interface for high-speed data transfer with sensors or external memory. --- ### 3. Safety and Reliability The "R" suffix and the TXZ+ architecture include features focused on functional safety: 1. **Hardware CRC:** Ensures data integrity during communication and memory storage. 2. **RAM Parity:** Detects memory errors in real-time. 3. **Clock Monitoring:** Detects failures in the external oscillator to prevent system crashes. 4. **LVD (Low Voltage Detection):** Triggers an interrupt or reset if the power supply drops below a safe threshold. --- ### 4. Typical Applications * **Home Appliances:** Washing machines, air conditioners (Inverter control). * **Industrial Automation:** Small PLC units, motor drives, and sensors. * **Office Equipment:** High-speed printers and multi-function copiers.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the M3H31FCG-R in sleep mode?
    • ⤷ How does the A-PMD module differ from standard PWM controllers?
    • ⤷ Which development tools or IDEs are compatible with Toshiba TXZ+ microcontrollers?