전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H31TAD-R

  • AI
    The **M3H31TAD-R** is a specific surface-mount electronic component, typically categorized as a **High-Frequency/Radio Frequency (RF) Integrated Circuit** or a specialized **Crystal Oscillator/Clock Generator**, depending on the manufacturer (often associated with brands like Daishinku Corp/KDS or similar timing component specialists). Below is a breakdown of its technical characteristics and typical internal architecture. --- ### 1. Technical Specifications While specific datasheets can vary by manufacturer revisions, parts in this series generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Frequency Range** | Usually 10MHz to 52MHz (Model specific) | | **Supply Voltage (Vcc)** | 1.8V to 3.3V DC | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | SMD (Surface Mount Device) | | **Output Type** | Clipped Sine Wave or CMOS | --- ### 2. Internal Electronic Structure The "M3H" series architecture typically consists of four main functional blocks: 1. **Quartz Crystal Resonator:** The core mechanical element that vibrates at a specific frequency. 2. **Compensation Network:** A temperature sensor combined with a compensation circuit (analog or digital) that adjusts the capacitance to keep the frequency stable across temperature changes. 3. **Oscillator IC:** An integrated circuit that provides the gain necessary to maintain oscillation. 4. **Voltage Regulator:** Internal circuitry that ensures power supply noise does not affect the frequency stability. --- ### 3. Pin Configuration (Typical 4-Pin Layout) Most devices in this footprint follow a standard layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vcont / NC | Voltage Control (for tuning) or No Connection | | **2** | GND | Ground connection | | **3** | Output | The RF signal output | | **4** | Vcc | Power supply input | --- ### 4. Key Applications Because of its high stability and small form factor, the M3H31TAD-R is commonly found in: * **GPS/GNSS Modules:** Where precise timing is required to calculate position. * **Wireless Communication:** Smart meters, IoT devices, and LTE modules. * **Portable Electronics:** Devices requiring low power consumption and high frequency accuracy. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M3H31TAD-R in your specific application?
    • ⤷ How does a TCXO differ from a standard Crystal (XTAL) in terms of stability?
    • ⤷ What are the soldering requirements for the M3H31TAD-R SMD package?