전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H31TBD-R

  • AI
    The **M3H31TBD-R** belongs to the **M3H Group** of microcontrollers developed by **Toshiba Electronic Devices & Storage Corporation**. These MCUs are based on the high-performance ARM® Cortex®-M3 core and are specifically engineered for motor control, industrial automation, and consumer electronics. --- ### 1. Core Architecture The device is built around the industry-standard ARM architecture, balancing power efficiency with computational capability. | Component | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | Up to 120 MHz | | **Operating Voltage** | 2.7V to 5.5V | | **Memory (Flash)** | 128 KB to 512 KB (Variant dependent) | | **Memory (SRAM)** | 32 KB to 64 KB | --- ### 2. Key Electronic Features The M3H series is distinguished by its high-precision analog integration and specialized timers for motor control. #### A. High-Precision Analog Circuits * **12-bit ADC:** Features a high-speed conversion rate (approx. 1.5 µs), allowing for precise sensor feedback in real-time systems. * **DAC:** Includes a 10-bit Digital-to-Analog converter for signal generation. #### B. Advanced Timer Unit (T32A) * Equipped with a **32-bit Timer Event Counter**. * Supports PWM (Pulse Width Modulation) output, essential for controlling Brushless DC (BLDC) motors and AC motors. * Includes a specialized "Emergency Stop" function to shut down motor drivers during a fault. #### C. Communication Interfaces * **UART:** Universal Asynchronous Receiver/Transmitter for serial communication. * **I2C:** For local chip-to-chip communication. * **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI). --- ### 3. Application Use-Cases The electronic design of the M3H31TBD-R makes it suitable for: 1. **Home Appliances:** Washing machines, air conditioners, and refrigerators. 2. **Industrial Equipment:** Small-scale industrial robots, pumps, and fans. 3. **Office Automation:** Printers and scanners where precise motor movement is required. --- ### 4. Technical Advantages * **5V Support:** Unlike many Cortex-M3 MCUs that only support 3.3V, this part supports 5V, providing higher noise immunity in industrial environments. * **DMA Controller:** Reduces CPU load by handling data transfers between peripherals and memory independently. * **Low Power Consumption:** Features multiple power-down modes for energy-sensitive applications.
    ✨ Follow-up Questions
    • ⤷ What are the specific pin count and package types available for the M3H31TBD-R?
    • ⤷ How does the Advanced Programmable Motor Control (A-PMD) function within this MCU?
    • ⤷ What development tools or IDEs are compatible with Toshiba's M3H group?