전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H32FAD-R

  • AI
    The **M3H32FAD-R** is a high-performance, automotive-grade microcontroller part of the **M3H Group** within the **TXZ+™ Family Advanced Class**, manufactured by Toshiba. It is based on the ARM® Cortex®-M3 core and is designed specifically for motor control and industrial automation. --- ## 1. Core Technical Specifications The M3H32FAD-R is built to handle complex calculation tasks with low power consumption. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 256 KB | | **RAM** | 32 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP64 (10mm x 10mm) | | **Operating Temp** | -40°C to +105°C | --- ## 2. Key Peripheral Functions This microcontroller integrates several hardware accelerators and functional blocks that make it ideal for motor control: ### A. Advanced Programmable Motor Control (A-PMD) The device includes a dedicated circuit to control 3-phase motors. It can generate PWM (Pulse Width Modulation) signals and synchronize them with the Analog-to-Digital converters without heavy CPU intervention. ### B. High-Speed 12-bit ADC It features a high-speed Analog-to-Digital Converter (ADC) capable of a conversion speed of **1.0 μs**. This is critical for real-time sensing of motor current and position. ### C. Communication Interfaces The "R" suffix typically denotes specific packaging or temperature grading, but the standard interface suite includes: * **UART:** For serial communication. * **I2C:** For sensor integration. * **TSPI:** High-speed SPI for external memory or display drivers. --- ## 3. Typical Applications Due to its robust 5V support and Cortex-M3 performance, the M3H32FAD-R is commonly found in: * **Home Appliances:** Washing machines, refrigerators (compressor control), and air conditioners. * **Industrial Equipment:** Small-scale pumps, fans, and factory automation sensors. * **Consumer Electronics:** Devices requiring precise power management and motor movement. --- ## 4. Hardware Design Considerations When integrating the M3H32FAD-R into a PCB design, keep the following in mind: 1. **Clocking:** Supports internal high-speed oscillators, but an external crystal is recommended for high-precision timing. 2. **Safety:** Includes hardware-based safety functions like a Clock Selective Watchdog Timer (WDT) and RAM parity checks to meet functional safety standards. 3. **Power:** The 5V operation is a major advantage for reducing noise interference in industrial environments compared to 3.3V-only MCUs.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using a 5V MCU in motor control compared to 3.3V?
    • ⤷ How does the A-PMD peripheral reduce CPU load during motor operation?
    • ⤷ What development tools or IDEs are recommended for the Toshiba TXZ+ family?