전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H32FBG-R

  • AI
    The **M3H32FBG-R** is an integrated circuit (IC) manufactured by **Toshiba**. It belongs to the **TXZ+™ Family Advanced Class**, specifically based on the **ARM® Cortex®-M3** core. This microcontroller (MCU) is designed for high-performance motor control and consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP32 (7mm x 7mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Specialized Electronic Subsystems The "FBG-R" variant is optimized for efficiency and precision in embedded applications: #### A. Advanced Programmable Motor Control (A-PMD) This is a dedicated hardware block designed to control 3-phase BLDC (Brushless DC) motors. It handles: * PWM signal generation. * Dead-time insertion to prevent short circuits. * Synchronization with the ADC for current sensing. #### B. High-Speed Analog Components The chip includes high-performance analog peripherals to interface with sensors: * **ADC:** 12-bit Analog-to-Digital Converter with high-speed conversion (approx. 1.5 µs). * **Operational Amplifiers:** Integrated for signal conditioning. * **Comparators:** For over-current protection and zero-crossing detection. #### C. Communication Interfaces It supports standard industrial protocols: * **UART:** For serial communication. * **I2C:** For peripheral interfacing. * **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI). --- ### 3. Application Use Cases Due to its high clock speed (120MHz) and integrated motor control logic, the M3H32FBG-R is typically used in: 1. **Small Home Appliances:** Vacuum cleaners, fans, and hair dryers. 2. **Office Automation:** Printers and small actuators. 3. **Industrial Equipment:** Small-scale pump controllers and fans. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **M3H** | Group Name (ARM Cortex-M3 High-speed) | | **32** | Pin Count (32 pins) | | **F** | Flash Memory Size (128 KB) | | **BG** | Package Code (LQFP) | | **-R** | Tape and Reel packaging |
    ✨ Follow-up Questions
    • ⤷What are the power consumption characteristics of the M3H32FBG-R?
    • ⤷ How does the A-PMD block simplify motor control code?
    • ⤷ Are there development boards available for the Toshiba TXZ+ series?