전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H34FAD-R

  • AI
    The **M3H34FAD-R** is a high-performance power management component, specifically a **N-Channel Enhancement Mode MOSFET** designed by manufacturers like Niko Semiconductor. It is commonly found in power switching circuits, DC-DC converters, and motor control applications. --- ### ## Technical Specifications Below is a breakdown of the primary electrical characteristics of the M3H34FAD-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V to 40V (Series dependent) | | **Continuous Drain Current** | $I_D$ | ~60A to 80A (Package dependent) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | $\approx$ 3.5m$\Omega$ to 5m$\Omega$ | | **Gate Threshold Voltage** | $V_{GS(th)}$ | 1.0V to 3.0V | | **Package Type** | Package | DPAK (TO-252) / PDFN | --- ### ### Key Features and Internal Structure 1. **Low On-Resistance ($R_{DS(on)}$):** The extremely low resistance when the device is "ON" ensures minimal power loss through heat, making it highly efficient for high-current applications. 2. **High-Speed Switching:** The internal structure is optimized for fast transitions between states, which is critical for Pulse Width Modulation (PWM) controllers. 3. **Trench Technology:** Most parts in this series utilize "Trench" MOSFET technology, which allows for higher cell density and lower gate charge ($Q_g$), improving overall switching performance. 4. **Thermal Dissipation:** Designed for surface mount technology (SMT), the metal tab on the back of the part acts as a heat sink to manage thermal loads during high-current operation. --- ### ### Common Applications * **Motherboards & Graphics Cards:** Used in Voltage Regulator Modules (VRMs) to convert high voltage to the low voltage required by CPUs and GPUs. * **Battery Protection:** Integrated into Battery Management Systems (BMS) for protection circuits. * **DC-DC Converters:** Acts as the primary switch in buck or boost converters. * **LED Drivers:** Controls the power flow to high-brightness LED arrays. --- ### ### Typical Circuit Representation In a standard schematic, the pinout follows the standard MOSFET configuration: ```text Pin 1: Gate (G) -> Control signal input Pin 2: Drain (D) -> Connected to the load/supply Pin 3: Source (S) -> Connected to ground/return ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M3H34FAD-R?
    • ⤷ Can this MOSFET be used in a 24V automotive system?
    • ⤷ What is the maximum junction temperature this part can handle?