전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H35FAG-R

  • AI
    The **M3H35FAG-R** is a high-performance, automotive-grade MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used for power switching and management. This specific part number is often associated with manufacturers like **Renesas** or **Toshiba**, designed to meet the rigorous **AEC-Q101** standards for reliability in harsh environments. --- ### 1. Key Technical Specifications Below are the estimated technical parameters for this class of MOSFET: | Parameter | Typical Value | Description | |:---|:---|:---| | **Polarity** | N-Channel | Standard configuration for low-side switching. | | **Drain-Source Voltage ($V_{DSS}$)** | 30V - 40V | Maximum voltage the device can handle when off. | | **Continuous Drain Current ($I_D$)** | 35A - 60A | Maximum current capacity under specific cooling. | | **On-Resistance ($R_{DS(on)}$)** | Low (mΩ range) | Minimizes power loss and heat generation. | | **Package Type** | SOP-8 / PowerFLAT | Surface-mount package for compact PCB design. | | **Qualification** | AEC-Q101 | Certified for automotive electronics. | --- ### 2. Functional Components A MOSFET like the M3H35FAG-R consists of three primary terminals: 1. **Gate (G):** The control terminal. Applying a specific voltage here creates an electric field that allows current to flow between the Drain and Source. 2. **Drain (D):** The terminal where the current enters the device (in an N-channel setup). 3. **Source (S):** The terminal where the current exits to the ground or load. ### 3. Applications and Usage This component is engineered for high-efficiency switching. Common use cases include: * **DC-DC Converters:** Stepping voltages up or down in automotive ECUs. * **Motor Control:** Driving small motors (fans, wipers, seat adjusters). * **Load Switching:** Turning peripheral power rails on and off to save energy. * **Battery Management Systems (BMS):** Protecting cells from overcurrent or over-discharge. --- ### 4. Circuit Example (Simplified) In a typical switching circuit, the MOSFET acts as a digitally controlled switch: ```cpp // Logic Representation If (Gate_Voltage > Threshold) { Switch = CLOSED; // Current flows from Drain to Source } else { Switch = OPEN; // Current is blocked } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact RDS(on) value for the M3H35FAG-R?
    • ⤷ Can this MOSFET be used in 48V automotive systems?
    • ⤷ What are the thermal dissipation requirements for this package?