전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H41TDD-R

  • AI
    The **M3H41TDD-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. These are 32-bit microcontrollers based on the **ARM® Cortex®-M3** core, designed specifically for motor control and industrial automation applications. --- ## 1. Technical Specifications The "TDD" and "R" suffixes in the part number refer to specific package types, memory configurations, and tape-and-reel shipping methods. Below is the general technical profile: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 80 MHz (Series dependent) | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | 32 KB to 128 KB (Part specific) | | **RAM** | 6 KB to 16 KB | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **I/O Pins** | High-current drive capability | --- ## 2. Key Internal Components The internal architecture is optimized for high-efficiency motor control: ### A. Advanced Programmable Motor Control (A-PMD) This is a dedicated hardware block used to generate 3-phase PWM (Pulse Width Modulation) signals. It includes: * **Three-phase complementary PWM output.** * **Dead-time insertion** to prevent short circuits in power stages. * **Emergency stop input** for safety. ### B. High-Speed 12-bit ADC The microcontroller features a high-speed Analog-to-Digital Converter (ADC) synchronized with the PMD. This allows for precise current sensing, which is critical for **Field Oriented Control (FOC)** in brushless motors. ### C. Vector Engine (VE) / Hardware Accelerators While higher-end models in the M3H family include a dedicated Vector Engine, the M3H4 series focuses on low-power, cost-effective execution of trigonometric functions used in motor algorithms. --- ## 3. Communication & Peripheral Interfaces To interact with other electronic components, the M3H41TDD-R includes: * **UART/SIO:** For serial communication with sensors or PCs. * **I2C:** For connecting to EEPROMs or digital sensors. * **TSPI (Toshiba Serial Peripheral Interface):** A high-speed SPI-compatible interface for flash memory or displays. * **Timers:** 16-bit timers for event counting and signal generation. --- ## 4. Application Areas The electronic design of this chip makes it suitable for: 1. **Consumer Electronics:** Washing machines, air conditioners (fan control). 2. **Industrial:** Small pumps, fans, and conveyor belts. 3. **Office Automation:** Printers and scanners. --- ## 5. Part Number Breakdown (Typical Toshiba Naming) | Segment | Meaning | | :--- | :--- | | **M3H** | Family Name (ARM Cortex-M3 High-speed) | | **4** | Group Number (Determines peripheral set) | | **1** | Memory Density Code | | **TDD** | Package Code (usually LQFP variant) | | **R** | Packing Style (Tape and Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum clock frequency supported by the M3H41TDD-R?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ What development tools are recommended for programming Toshiba M3H series MCUs?