전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H42FDD-R

  • AI
    The **M3H42FDD-R** is a high-performance, low-power synchronous dynamic random-access memory (SDRAM) module, specifically a **LPDDR4X** (Low Power Double Data Rate 4X) DRAM chip manufactured by **Micron Technology**. These components are typically found in high-end mobile devices, automotive infotainment systems, and AI-edge computing hardware. --- ### 1. Technical Specifications Below is a breakdown of the core electronic characteristics of the M3H42FDD-R: | Parameter | Specification | |:---|:---| | **Memory Type** | LPDDR4X SDRAM | | **Density** | 32Gb (4GB) | | **Data Rate** | Up to 4266 Mbps | | **Voltage (VDD1)** | 1.8V (Nominal) | | **Voltage (VDDQ)** | 0.6V (Ultra-low I/O voltage) | | **Operating Temp** | -40°C to +95°C (Industrial Grade) | | **Package** | 200-ball VFBGA | | **Architecture** | 2-Channel x16 / x32 configuration | --- ### 2. Key Electronic Features #### A. Low Power Consumption (LPDDR4X) The primary distinction of the "X" variant is the reduction of the **VDDQ** (I/O supply voltage) from 1.1V (standard LPDDR4) to **0.6V**. This significantly reduces power consumption during high-speed data transfers, making it ideal for battery-operated devices. #### B. High-Speed Interface It utilizes a **Double Data Rate** architecture, transferring data on both the rising and falling edges of the clock signal. The "4266" rating indicates a clock frequency capable of handling massive bandwidth for 4K video processing or complex AI algorithms. #### C. Built-in ECC (Error Correction Code) Modern high-density Micron chips like this often incorporate On-Die ECC to improve data integrity, which is critical for the "R" (Industrial/Automotive) grade versions where reliability under thermal stress is paramount. --- ### 3. Pinout and Internal Logic The component communicates via a specialized command/address (CA) bus to minimize pin count while maximizing throughput. ```cpp // Logic Representation of Memory Access void access_memory_block() { Set_CS_Low(); // Select the Chip Send_Command(ACTIVATE); // Open a row in a specific bank Send_Address(ROW_ADDR); // Define the row Send_Command(READ); // Initiate data burst Data = Receive_DQ(); // Capture data on 200-ball interface } ``` --- ### 4. Application Areas * **Automotive:** ADAS (Advanced Driver Assistance Systems) and digital cockpits. * **Mobile:** High-end smartphones and tablets. * **IoT/Edge:** Industrial gateways requiring high-speed local data processing.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the 200-ball VFBGA package?
    • ⤷ How does LPDDR4X VDDQ reduction impact the Signal Integrity (SI) design?
    • ⤷ Can this part be used in AEC-Q100 compliant automotive designs?