전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H42TCG-R

  • AI
    ### Overview of the M3H42TCG-R The **M3H42TCG-R** is a high-performance microcontroller part of the **TOSHIBA TXZ+™ Family Advanced Class**. It is built on the **Arm® Cortex®-M3 core** and is specifically engineered for high-speed data processing and consumer/industrial motor control applications. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Temperature** | -40°C to 85°C | | **Package** | LQFP100 (14mm x 14mm) | --- ### Core Electronic Components & Features #### 1. Processing Unit (CPU) * **Arm® Cortex®-M3:** Optimized for low power consumption and high-speed deterministic interrupt handling. * **Memory Protection Unit (MPU):** Enhances system reliability by preventing unauthorized memory access. #### 2. Specialized Analog Blocks * **12-bit ADC:** Features 2 units (up to 21 channels) with a conversion time of 0.5 μs, essential for precise sensor readings. * **8-bit DAC:** 2 channels for generating analog signals. * **Comparators:** Used for overcurrent protection in motor control. #### 3. Control & Timing Mechanisms * **A-PMD (Advanced Programmable Motor Control):** A dedicated hardware block that enables 3-phase complementary PWM output, significantly reducing CPU load during motor commutation. * **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoders for precise position and speed detection. * **T32A:** 32-bit Timers that can be used for pulse measurement or PWM generation. #### 4. Communication Interfaces The chip supports various protocols to interface with external electronic parts: * **UART:** Up to 6 channels. * **I2C:** 4 channels (High-speed mode supported). * **TSPI (Toshiba Serial Peripheral Interface):** 4 channels. --- ### Applications * **Home Appliances:** Washing machines, air conditioners, and refrigerators. * **Industrial Equipment:** Small-to-medium scale motor drives and factory automation. * **Consumer Electronics:** High-efficiency power supply units. --- ### Block Diagram Logic (Simplified) ```mermaid graph LR A[Power Supply 5V/3.3V] --> B(M3H42TCG-R) B --> C{Peripheral Control} C --> D[Motor Drive/PWM] C --> E[Sensor Feedback/ADC] C --> F[Comm /UART/I2C] ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the M3H42TCG-R in sleep mode?
    • ⤷ How does the A-PMD unit specifically assist in 3-phase motor control?
    • ⤷ Is there a dedicated evaluation board available for the TXZ+ M3H series?