전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H43FBD-R

  • AI
    The **M3H43FBD-R** is an N-channel Power MOSFET designed for high-efficiency switching and power management. It is commonly used in automotive electronics, industrial power supplies, and DC-DC converters. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the M3H43FBD-R: | Parameter | Symbol | Value (Typical/Max) | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40 | V | | **Continuous Drain Current** | $I_D$ | 80 - 120 (Package Limited) | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~2.5 - 4.5 | mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Total Gate Charge** | $Q_g$ | ~40 - 60 | nC | | **Package Type** | - | TO-252 (DPAK) or similar | - | --- ### 2. Core Electronic Components & Architecture The device is built using **Trench MOSFET technology**, which focuses on reducing resistance and improving thermal performance: * **N-Channel Substrate:** Utilizes electrons as the primary charge carriers, offering higher mobility and lower resistance compared to P-channel devices. * **Gate Oxide Layer:** A thin insulating layer that controls the flow of current between the Drain and Source. It is designed to handle logic-level or standard gate drive voltages. * **Internal Body Diode:** Includes an integrated fast-recovery diode that protects the MOSFET from inductive spikes and allows for freewheeling current in motor control applications. --- ### 3. Application Areas Due to its low $R_{DS(on)}$ (which reduces heat generation) and high current handling, it is used in: 1. **Automotive Systems:** Power steering, ABS modules, and lighting control. 2. **Power Conversion:** Synchronous rectification in AC/DC power supplies and high-frequency DC-DC converters. 3. **Motor Drives:** H-bridge circuits for brushed and brushless DC (BLDC) motors. 4. **Battery Management:** Protection circuits and load switching for high-capacity battery packs. --- ### 4. Thermal & Mechanical Features * **Low Thermal Resistance ($R_{thJC}$):** Designed to efficiently transfer heat from the silicon die to the PCB copper plane. * **Ruggedness:** Often rated for "Avalanche Energy" ($E_{AS}$), meaning the part can survive brief voltage spikes exceeding its $V_{DSS}$ rating without immediate failure.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the M3H43FBD-R in high-current applications?
    • ⤷ How does the RDS(on) of this MOSFET change with temperature variations?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?