전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H43TCG-R

  • AI
    ## Analysis of the M3H43TCG-R The **M3H43TCG-R** refers to a specific part number within the **M3H Group** of microcontrollers produced by **Toshiba**. These are based on the ARM® Cortex®-M3 core and are designed for high-speed data processing and consumer/industrial device control. --- ### 1. Key Technical Specifications The following table outlines the core electronic characteristics of the M3H43TCG-R: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 80 MHz (Series dependent) | | **Flash Memory** | 128 KB | | **RAM** | 12 | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP64 (10mm x 10mm) | | **Temperature Range** | -40°C to 85°C | --- ### 2. Integrated Electronic Components The M3H43TCG-R integrates several hardware blocks on a single chip to manage complex electronic tasks: #### A. Analog-to-Digital Converter (ADC) * **Resolution:** 12-bit. * **Function:** Converts analog signals from sensors (temperature, pressure) into digital data for the processor. * **Speed:** High-speed conversion suitable for motor control. #### B. Timers and PWM * Includes **TADV (Advanced Timer)** modules. * Specifically designed for **Pulse Width Modulation (PWM)**, which is essential for controlling motor speed and LED brightness. #### C. Communication Interfaces The chip supports standard industrial protocols to communicate with other electronic parts: * **UART:** For serial communication. * **I2C:** For peripheral sensor communication. * **TSPI:** Toshiba Serial Peripheral Interface (high-speed data exchange). #### D. Safety and Reliability Features * **Clock Selective Level:** Ensures stable operation. * **RAM Parity:** Detects memory errors. * **LVD (Low Voltage Detection):** Resets the system if power drops below a safe threshold to prevent malfunction. --- ### 3. Common Applications Due to its balanced performance and power consumption, the M3H43TCG-R is typically found in: 1. **Home Appliances:** Washing machines and air conditioners (motor control). 2. **Office Automation:** Printers and scanners. 3. **Industrial Equipment:** Small-scale factory automation sensors and controllers. --- ### 4. Programming Example (Peripheral Init Concept) Developers typically interact with the internal registers using C. Below is a conceptual snippet for initializing a GPIO pin on this architecture: ```c #include "TXZ_M3H.h" void GPIO_Setup(void) { // Enable clock for Port G TSB_CG_FSYSENA_IPENA12 = 1; // Set PG0 as output TSB_PG->CR = 0x01; // Write High to PG0 TSB_PG->DATA = 0x01; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the M3H43TCG-R in sleep mode?
    • ⤷ Does this microcontroller support hardware-based motor control acceleration?
    • ⤷ What are the pin-compatible alternatives to the LQFP64 package for this series?