전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H43TDD-R

  • AI
    The **M3H43TDD-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. These are 32-bit microcontrollers based on the **ARM® Cortex®-M3** core, designed specifically for high-efficiency motor control and consumer electronics. --- ## 1. Core Technical Specifications The "M3H" series is part of Toshiba’s **TXZ™ Family**. Below are the key electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 40 MHz to 80 MHz (varies by sub-model) | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | Typically 32KB to 128KB | | **RAM** | 6KB to 16KB | | **Package Type** | LQFP (Low-profile Quad Flat Package) | --- ## 2. Key Internal Components The electronic architecture of this part includes several specialized modules: ### A. Advanced Programmable Motor Control (A-PMD) This is a hardware block dedicated to three-phase motor control. It handles: * PWM (Pulse Width Modulation) generation. * Dead-time insertion to prevent short circuits in power stages. * Emergency stop inputs for safety. ### B. Analog-to-Digital Converter (ADC) * **Resolution:** 12-bit. * **Speed:** High-speed conversion (approx. 1.0µs - 1.5µs). * **Purpose:** Monitors phase currents, bus voltages, and temperature sensors for real-time feedback loops. ### C. Communication Interfaces The part integrates standard industrial communication protocols: * **UART:** For asynchronous serial communication. * **I2C:** For peripheral sensor interfacing. * **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI). --- ## 3. Part Number Decoder (Breakdown) While Toshiba's internal codes can be complex, the suffixing usually indicates: * **M3H:** Cortex-M3 High-voltage/High-functionality group. * **43:** Specific pin count and memory density indicator. * **TDD:** Specific hardware revision or feature set (e.g., specialized timers). * **-R:** Generally indicates the "Tape and Reel" packaging format for automated SMT assembly. --- ## 4. Typical Applications Due to its integrated motor control hardware, this electronic part is commonly found in: 1. **Home Appliances:** Washing machines, refrigerators (compressor control), and air conditioners. 2. **Industrial Equipment:** Small pumps, fans, and conveyor belt motors. 3. **Consumer Electronics:** PC cooling fans and power supply management. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H43TDD-R in sleep mode?
    • ⤷ Does this microcontroller support Field Oriented Control (FOC) for brushless DC motors?
    • ⤷ What is the pin count and physical dimension of the TDD package variant?