전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H44FAG-R

  • AI
    The **M3H44FAG-R** is a high-performance, N-Channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency power management and switching applications. --- ### ## Technical Specifications Below are the typical electrical characteristics for this component: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40V | | **Continuous Drain Current** | $I_D$ | ~100A - 120A (Package dependent) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | $\approx$ 1.2m$\Omega$ - 1.8m$\Omega$ | | **Gate-Source Voltage** | $V_{GS}$ | $\pm$20V | | **Total Gate Charge** | $Q_g$ | ~70nC - 90nC | | **Package Type** | - | PDFN5060 (or similar Power DFN) | --- ### ## Key Electronic Features 1. **Ultra-Low $R_{DS(on)}$**: The extremely low on-resistance minimizes conduction losses, making it highly efficient for high-current paths. 2. **High Switching Speed**: Optimized gate charge ($Q_g$) allows for rapid switching, reducing switching losses in high-frequency PWM applications. 3. **Thermally Enhanced Package**: Usually housed in a 5x6mm DFN package, which provides excellent heat dissipation through a large bottom-side drain pad. 4. **Trench Technology**: Utilizes advanced trench MOSFET technology to achieve high cell density and low thermal resistance. --- ### ## Common Applications * **DC-DC Converters**: Used in VRM (Voltage Regulator Modules) for servers and high-end PCs. * **Motor Control**: Ideal for BLDC (Brushless DC) motor drivers in power tools or robotics. * **Battery Management Systems (BMS)**: Acts as a protection switch or load switch for high-capacity battery packs. * **Synchronous Rectification**: Used in the secondary side of AC-DC power supplies to improve efficiency. --- ### ## Pin Configuration (Typical PDFN 5x6) ```text Top View +----------+ 1 | S D | 8 2 | S D | 7 3 | S D | 6 4 | G D | 5 +----------+ (S = Source, G = Gate, D = Drain) ```
    ✨ Follow-up Questions
    • ⤷What are the thermal management requirements for the M3H44FAG-R at 100A?
    • ⤷ Can this MOSFET be used in 24V automotive systems?
    • ⤷ What is the recommended gate driver voltage for optimal efficiency?