전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H46FAD-R

  • AI
    The **M3H46FAD-R** is a high-performance, N-channel enhancement mode Power MOSFET designed primarily for switching applications, power management, and DC-DC conversion. It is commonly produced by manufacturers like **UBIQ (uPI Semiconductor)**. --- ### ## Technical Specifications Below are the key electrical characteristics typically associated with the M3H46FAD-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20V | | **Continuous Drain Current** | $I_D$ | ~40A - 60A (Package dependent) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~4.0 - 6.0 mΩ (at $V_{GS}=10V$) | | **Total Gate Charge** | $Q_g$ | ~15 - 25 nC | | **Package Type** | Package | PDFN 3x3 / DFN3333 | --- ### ## Key Features 1. **Low On-Resistance ($R_{DS(ON)}$):** The device is engineered to minimize resistive losses, which reduces heat generation and improves efficiency in high-current circuits. 2. **Fast Switching Speed:** Optimized for high-frequency PWM (Pulse Width Modulation) applications. 3. **Trench Technology:** It utilizes advanced trench process technology to achieve high cell density, providing low thermal resistance. 4. **Compact Footprint:** Usually housed in a 3x3mm DFN package, making it ideal for space-constrained mobile or embedded electronics. --- ### ## Pin Configuration & Internal Logic The device follows the standard MOSFET pinout for DFN/PDFN packages: * **Pins 1-3:** Source (S) * **Pin 4:** Gate (G) * **Pins 5-8 / Tab:** Drain (D) - The large metal tab on the bottom is connected to the Drain for heat dissipation. ```cpp // Typical Application Logic in Power Stages: // High-side or Low-side switching in a Buck Converter if (Gate_Voltage > Threshold_Voltage) { MOSFET = ON; // Current flows from Drain to Source } else { MOSFET = OFF; // High impedance state } ``` --- ### ## Common Applications * **Motherboards & Notebooks:** Used in CPU/GPU VRM (Voltage Regulator Module) phases. * **DC-DC Converters:** Point-of-load power supplies for networking and telecommunication equipment. * **Battery Management:** Protects against over-discharge or serves as a load switch in Li-ion battery packs. * **LED Drivers:** High-speed switching for dimming and power control.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the M3H46FAD-R in high-current applications?
    • ⤷ Can you provide a comparison between the M3H46FAD-R and a standard TO-220 MOSFET?
    • ⤷ What is the typical gate threshold voltage for this specific N-channel MOSFET?