전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M3H46FBD-R

  • AI
    The **M3H46FBD-R** is a specific part number belonging to the **S-82M1A Series** or similar battery protection families manufactured by **ABLIC Inc.** (formerly SII Semiconductor). This electronic component is a high-accuracy battery protection IC designed primarily for lithium-ion and lithium-polymer rechargeable batteries. --- ## 1. Technical Specifications This IC is designed to monitor the status of a single-cell battery and protect it from damage due to overcharging, over-discharging, or excessive current. | Parameter | Description | | :--- | :--- | | **Component Type** | Battery Protection Integrated Circuit (IC) | | **Cell Count** | 1-Cell (Single Lithium-ion/Polymer) | | **Detection Voltage Range** | 3.5V to 4.8V (Overcharge) | | **Current Consumption** | Ultra-low (Typically 1.0 μA to 3.0 μA during operation) | | **Package Type** | SNT-6A / HSNT-6 (Small footprint surface mount) | | **Switching Element** | Designed to drive external N-channel MOSFETs | --- ## 2. Key Internal Functions The M3H46FBD-R integrates several critical monitoring circuits: ### A. Overcharge Detection Monitors the battery voltage during charging. If the voltage exceeds the threshold (e.g., 4.2V - 4.5V depending on specific sub-coding), the IC triggers a signal to the MOSFET to stop the charging process. ### B. Over-discharge Detection Prevents the battery from dropping below a critical voltage level (typically 2.0V - 3.0V). If the battery is drained too far, it can become unstable or lose capacity; the IC cuts off the load to preserve the cell. ### C. Overcurrent Protection (Discharge/Charge) Detects if the current flowing out of or into the battery is too high (short circuit or system failure). It has multiple stages: 1. **Overcurrent 1:** Normal high-load protection. 2. **Overcurrent 2:** Fast-acting protection for severe spikes. 3. **Short-circuit Protection:** Immediate cutoff for direct shorts. --- ## 3. Pin Configuration (Typical SNT-6A) 1. **DO (Discharge Output):** Connects to the gate of the discharge-control MOSFET. 2. **VM (Voltage Monitor):** Detects the voltage between the VSS pin and VM pin to monitor current. 3. **CO (Charge Output):** Connects to the gate of the charge-control MOSFET. 4. **VDD:** Positive power supply input. 5. **VSS:** Negative power supply input (Ground). 6. **NC:** No internal connection (typically used for routing). --- ## 4. Typical Application Circuit The M3H46FBD-R is usually placed between the battery cell and the external terminal (P+/P-), controlling two N-channel MOSFETs in series. ```text [Battery +] ----+-------------------- [ P+ Terminal ] | [VDD] [M3H46FBD-R] [CO] [DO] [VM] | | | [FET1]--[FET2]-----+ | | [Battery -] ---+-------------------- [ P- Terminal ] ``` --- ## 5. Usage and Industry Applications Due to its small size and low power consumption, it is commonly found in: * **Smartphones and Tablets:** Protecting the internal Li-ion pouch cells. * **Wearable Devices:** Smartwatches and fitness trackers where space is at a premium. * **IoT Sensors:** Low-power wireless nodes. * **Bluetooth Earbuds:** Protecting small-capacity batteries.
    ✨ Follow-up Questions
    • ⤷ What is the exact overcharge detection voltage for the M3H46FBD-R variant?
    • ⤷ Which N-channel MOSFETs are recommended for use with this IC?
    • ⤷ Is there a lead-free or halogen-free certification for this part?